Electronic Components Datasheet Search
  English  ▼

X  

OPA310S Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA310S
Description  OPAx310 High Output Current, Fast Shutdown, Low Voltage (1.5 V to 5.5 V), RRIO, 3-MHz Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA310S Datasheet(HTML) 2 Page - Texas Instruments

  OPA310S Datasheet HTML 1Page - Texas Instruments OPA310S Datasheet HTML 2Page - Texas Instruments OPA310S Datasheet HTML 3Page - Texas Instruments OPA310S Datasheet HTML 4Page - Texas Instruments OPA310S Datasheet HTML 5Page - Texas Instruments OPA310S Datasheet HTML 6Page - Texas Instruments OPA310S Datasheet HTML 7Page - Texas Instruments OPA310S Datasheet HTML 8Page - Texas Instruments OPA310S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................4
7 Specifications................................................................ 10
7.1 Absolute Maximum Ratings...................................... 10
7.2 ESD Ratings ............................................................ 10
7.3 Recommended Operating Conditions.......................10
7.4 Thermal Information for Single Channel................... 10
7.5 Thermal Information for Dual Channel...................... 11
7.6 Thermal Information for Quad Channel.....................11
7.7 Electrical Characteristics...........................................12
7.8 Typical Characteristics.............................................. 16
8 Detailed Description......................................................25
8.1 Overview................................................................... 25
8.2 Functional Block Diagram......................................... 25
8.3 Feature Description...................................................26
8.4 Device Functional Modes..........................................30
9 Application and Implementation.................................. 31
9.1 Application Information............................................. 31
9.2 Typical Application.................................................... 31
10 Power Supply Recommendations..............................33
11 Layout........................................................................... 34
11.1 Layout Guidelines................................................... 34
11.2 Layout Example...................................................... 34
12 Device and Documentation Support..........................36
12.1 Documentation Support.......................................... 36
12.2 Receiving Notification of Documentation Updates..36
12.3 Support Resources................................................. 36
12.4 Electrostatic Discharge Caution..............................36
12.5 Glossary..................................................................36
13 Mechanical, Packaging, and Orderable
Information.................................................................... 36
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (June 2022) to Revision B (July 2022)
Page
• Changing DGK from "Preview" to "Production".................................................................................................. 1
• Updated Device Comparison section to include information about shutdown....................................................3
• Removed preview tag for the DGK package...................................................................................................... 3
• Added "shutdown section is on preview" foot note to the Specifications section............................................. 10
• Updated the ESD and Electrical Overstress section to show ESD structures on the shutdown pin.................29
Changes from Revision * (April 2022) to Revision A (June 2022)
Page
• Changed status from "Advance Information" to "Production Data".....................................................................1
OPA310, OPA2310, OPA4310
SBOSAA1B – APRIL 2022 – REVISED JULY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA310 OPA2310 OPA4310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com