Electronic Components Datasheet Search
  English  ▼

X  

OPA392 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA392 Datasheet HTML 6Page - Texas Instruments OPA392 Datasheet HTML 7Page - Texas Instruments OPA392 Datasheet HTML 8Page - Texas Instruments OPA392 Datasheet HTML 9Page - Texas Instruments OPA392 Datasheet HTML 10Page - Texas Instruments OPA392 Datasheet HTML 11Page - Texas Instruments OPA392 Datasheet HTML 12Page - Texas Instruments OPA392 Datasheet HTML 13Page - Texas Instruments OPA392 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
7.7 Typical Characteristics
at TA = 25°C, VS = 5.5 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
VS = 5.0 V
Figure 7-1. Offset Voltage Distribution
VS = 5.0 V, VCM = 4.8 V
Figure 7-2. Offset Voltage Distribution
VS = 5.0 V
Figure 7-3. Offset Voltage Distribution
TA = –40°C
Figure 7-4. Offset Voltage vs Common-Mode Voltage
Figure 7-5. Offset Voltage vs Common-Mode Voltage
TA = +125°C
Figure 7-6. Offset Voltage vs Common-Mode Voltage
OPA392, OPA2392
SBOS926C – JANUARY 2021 – REVISED JULY 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA392 OPA2392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com