Electronic Components Datasheet Search
  English  ▼

X  

MIW4022 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MIW4022
Description  5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW4022 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MIW4022 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW4022 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW4022 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW4022 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW4022 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW4022 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW4022 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW4022 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
85
147
{20
{200
{15
MIW4037
86
145
{25
{250
{12
MIW4036
81
123
{50
{500
{5
MIW4035
85
147
40
400
15
MIW4034
86
145
50
500
12
MIW4033
81
129
100
1000
5
MIW4032
78
10
10
106
120
1200
3.3
48
( 18 ~ 75 )
MIW4031
85
294
{20
{200
{15
MIW4027
86
291
{25
{250
{12
MIW4026
81
257
{50
{500
{5
MIW4025
85
294
40
400
15
MIW4024
86
291
50
500
12
MIW4023
81
257
100
1000
5
MIW4022
78
10
20
212
120
1200
3.3
24
( 9 ~ 36 )
MIW4021
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
EN55022 Class A
Conducted EMI
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+71
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
2,500
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 75%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum output
loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
6. All DC/DC converters should be externally fused at
the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
MIW4000 Series
2
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com