Electronic Components Datasheet Search
  English  ▼

X  

1992602010 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # 1992602010
Description  10.4 Industrial Open Frame Monitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1992602010 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  1992602010 Datasheet HTML 1Page - Advantech Co., Ltd. 1992602010 Datasheet HTML 2Page - Advantech Co., Ltd. 1992602010 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Industrial Display Solutions
IDS-3110
Packing List
Part Number
Description
1700002215
1 x M Cable USB-A(M)/USB-A(M) 180 cm
1700021332-11
1 x VGA cable 15P(M) 180 cm
1962055040
4 x clamper
1935042520
4 x clamper screws M4_25L
1992610005
1 x cable clamp
1933030500
1 x cable clamp screw
1992602010
1 x cable tie
* USB Cable is only included in IDS-3110R and IDS-3110ER series.
Note: Package contents are subject to change without prior notice
Ordering Information
Model Name
Description
IDS-3110N-40SVA1E
10.4" SVGA 400 cd/m2 LED Open Frame Monitor
IDS-3110R-40SVA1E
10.4" SVGA 400 cd/m2 LED Open Frame Touch Monitor
IDS-3110EN-23SVA1E
10.4" SVGA 230 cd/m2 LED Open Frame Monitor
IDS-3110ER-23SVA1E
10.4" SVGA 230 cd/m2 LED Open Frame Touch Monitor
IDS-3110N-50XGA1E
10.4" XGA 500 cd/m2 LED Open Frame Monitor
IDS-3110R-50XGA1E
10.4" XGA 500 cd/m2 LED Open Frame Touch Monitor
IDS-3110P-50XGA1E
10.4" XGA 500 cd/m2 Open Frame P-cap Touch
Monitor
Optional Items
Part Number
Description
1700001524
3-pin power cord (US)
170203183C
3-pin power cord (EU)
1700008921
3-pin power cord with PSE (Japan)
96PSA-A36W12R1-3
Adapter 100-240V 36W 12V 3A
1700000243-11
M cable DVI 19P(M)/DVI 19P(M) 191cm
1700091800
Cable 9P/9P 1.8M M/F (Touchscreen RS-232 cable)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com