Electronic Components Datasheet Search
  English  ▼

X  

PB34 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PB34
Description  Gate Leads for PowerBLOCK Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PB34 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PB34 Datasheet HTML 1Page - Infineon Technologies AG PB34 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Accessories
Steuerleitungen für PowerBLOCK Module
Gate Leads for PowerBLOCK Modules
Zubehör
Date of Publication: 2016-09-15
Revision: 3.3
Seite/page: 1/2
Technische Information /
technical information
enndaten
Modul mit
Bodenplatte
module with
baseplate
Verbindung zu
connection to
Verbindung zu
connection to
Farbe
color
Länge
length
[mm]
Bestell- Nr.
SP no
Zeichnung
outline
34mm
4 / 5
6 / 7
G1/HK1
G2/HK2
G white / HK red
G white / HK red
500
500
SP000983496
SP000983490
A
B
50, 60mm
5 / 4
6 / 7
G1/HK1
G2/HK2
G white / HK red
G white / HK red
500
500
SP000983496
SP000983490
A
B
50mm single
5 / 4
G1/HK1
G white / HK red
500
SP000983496
A
70mm
5 / 4
G1/HK1
G white / HK red
500
SP000983490
C
SP000983490 GATELEAD L=500 PB34-70_1
SP000983496 GATELEAD L=500 PB34-60_2
www.ifbip.com
support@infineon-bip.com
Key Parameters
Lead material:
AWG20 KK
ACu = 0,52mm²
HEW-FEP-Single Core (19x32)
leads twisted inside the sleeve
Sleeve material:
PTFE AWG6
d = 4,12mm
Plug:
2,8 x 0,8 plug DIN 46330-gal.Sn-Bd (crimped)
TT
TT
TD
TD
DT
TZ
34 mm
50,60 mm
34 mm
50, 60 mm
34, 50, 60 mm
50mm single, 70 mm
A
B
white lead G1
red lead
K1
red lead
K2
white lead G2
red lead
K1
white lead G1
C


Similar Part No. - PB34

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PB34 MCC-PB34 Datasheet
75Kb / 2P
3 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB34 MCC-PB34 Datasheet
267Kb / 3P
3 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - PB34

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5708 NTE-NTE5708 Datasheet
24Kb / 2P
Powerblock Modules
NTE5710 NTE-NTE5710 Datasheet
47Kb / 2P
Powerblock Modules
NTE5726 NTE-NTE5726 Datasheet
30Kb / 3P
Powerblock Module
NTE5740 NTE-NTE5740 Datasheet
26Kb / 2P
Powerblock Modules 3 Phase Bride Modules
NTE5742 NTE-NTE5742 Datasheet
24Kb / 2P
Powerblock Modules 3 Phase Bride Modules
NTE5744 NTE-NTE5744 Datasheet
24Kb / 2P
Powerblock Modules 3 Phase Bride Modules
NTE6232 NTE-NTE6232 Datasheet
27Kb / 2P
Powerblock Module
NTE6236 NTE-NTE6236 Datasheet
24Kb / 2P
Powerblock Module
logo
Infineon Technologies A...
PB20 INFINEON-PB20 Datasheet
125Kb / 2P
Gate Leads for PB20
2013-01-30 Revision: 3.1
SP000983442 INFINEON-SP000983442 Datasheet
81Kb / 2P
Gate leads for HP disc devices
2017-09-19 Revision: 3.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com