Electronic Components Datasheet Search
  English  ▼

X  

1072 Datasheet(PDF) 1 Page - Alpha Wire

Part # 1072
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1072 Datasheet(HTML) 1 Page - Alpha Wire

  1072 Datasheet HTML 1Page - Alpha Wire 1072 Datasheet HTML 2Page - Alpha Wire 1072 Datasheet HTML 3Page - Alpha Wire 1072 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 1072
Construction
Applicable Specifications
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
12 X 1 COND
a) Conductor
16 (19/.0117) AWG Tinned Copper
0.059
b) Insulation
0.032" Wall, Nom. PVC
0.123
(1) Color Code
Alpha Wire Color Code F
Cond
Color
Cond
Color
Cond
Color
1
BLACK
5
ORANGE
9
GREEN/BLACK
2
WHITE
6
BLUE
10
ORANGE/BLACK
3
RED
7
WHITE/BLACK
11
BLUE/BLACK
4
GREEN
8
RED/BLACK
12
BLACK/WHITE
2) Cable Assembly
12 Components Cabled
a) Twists:
1.6 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
3) Jacket
0.063" Wall, Nom.,PVC
0.640 (0.669 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 1072
RU AWM 2463 VW-1 80C 600V CE ROHS
* = Factory Code
1) UL
AWM/STYLE 2463
80°C / 600 VRMS
VW-1
2) CE:
EU Low Voltage Directive 2014/35/EU


Similar Part No. - 1072

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1072 3M-1072 Datasheet
336Kb / 4P
ScotchPad??Premium Hang Tabs
logo
Alpha Wire
1072 ALPHAWIRE-1072 Datasheet
97Kb / 4P
Customer Specification
11/30/2022
logo
Heyco.
1072 HEYCO-1072 Datasheet
172Kb / 1P
Heyco® Liquid Tight Strain Relief Bushings
logo
List of Unclassifed Man...
1072-13MRT6 ETC-1072-13MRT6 Datasheet
316Kb / 1P
P.C.B CONNECTOR Pitch 3.96mm
1072-13MRT8 ETC-1072-13MRT8 Datasheet
316Kb / 1P
P.C.B CONNECTOR Pitch 3.96mm
More results

Similar Description - 1072

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com