Electronic Components Datasheet Search
  English  ▼

X  

GE331K Datasheet(PDF) 1 Page - Mallory performance club

Part # GE331K
Description  Disc Ceramic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

GE331K Datasheet(HTML) 1 Page - Mallory performance club

  GE331K Datasheet HTML 1Page - Mallory performance club GE331K Datasheet HTML 2Page - Mallory performance club GE331K Datasheet HTML 3Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
145
Disc Ceramic Capacitors
Mallory Products for CDE/6325 Digital Way/Indianapolis IN 46278/Phone: (317)275-2285/Fax: (317)275-2293/www.cornell-dubilier.com
GENERAL
SPECIFICATIONS
Temperature Range:
-30
gC to +85gC
Voltage Range:
50, 100, 500,
1,000, 2,000, 3,000 WVDC
Capacitance Range:
1 pF to 100,000 pF
Lead Length: 1 inch minimum
General Purpose
{ General Purpose
{ Ideal For Use in Non-critical
Coupling, Bypass and Filter
Applications
{ Conformally Coated
{ Radial Leads
Size
(Inches)
D
T
S
d
Tol
Temp
Coef
Capacity
pF
Size
(Millimeters)
D
T
S
d
Catalog
Number
Size
(Inches)
D
T
S
d
Tol
Temp
Coef
Capacity
pF
Size
(Millimeters)
D
T
S
d
Catalog
Number
50 WVDC
1
.25pF
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE010C
3
.25pF
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE030C
5
.25pF
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE050C
6
.5pF
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE060D
7
.5pF
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE070D
8
.5pF
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE080D
10
.5pF
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE100D
12
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE120K
15
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE150K
18
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE180K
20
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE200K
22
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE220K
24
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE240K
27
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE270K
33
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE330K
39
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE390K
47
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE470K
51
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE510K
56
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE560K
68
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE680K
75
10%
SL
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE750K
82
10%
SL
.197 .118 .098 .016
5.0 3.0 2.5 .4
GE820K
91
10%
SL
.197 .118 .098 .016
5.0 3.0 2.5 .4
GE910K
100
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE101K
120
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE121K
150
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE151K
180
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE181K
220
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE221K
270
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE271K
330
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE331K
390
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE391K
470
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE471K
560
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE561K
680
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE681K
820
10%
Y5P
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE821K
1,000
10%
Y5P
.197 .118 .098 .016
5.0 3.0 2.5 .4
GE102K
1,000
20%
Y5T
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE102M
1,000
-20+80 Y5V
.157 .118 .098 .016
4.0 3.0 2.5 .4
GE102Z
1,500
10%
Y5P
.197 .118 .098 .016
5.0 3.0 2.5 .4
GE152K
1,500
20%
Y5T
.197 .118 .098 .016
5.0 3.0 2.5 .4
GE152M
1,800
10%
Y5P
.236 .118 .197 .020
6.0 3.0 5.0 .5
GE182K
2,200
10%
Y5P
.236 .118 .197 .020
6.0 3.0 5.0 .5
GE222K
2,200
20%
Y5U
.197 .118 .098 .016
5.0 3.0 2.5 .4
GE222M
2,700
10%
Y5P
.276 .118 .197 .020
7.0 3.0 5.0 .5
GE272K
3,300
10%
Y5P
.276 .118 .197 .020
7.0 3.0 5.0 .5
GE332K
3,300
20%
Y5U
.236 .118 .197 .020
6.0 3.0 5.0 .5
GE332M
3,900
10%
Y5P
.315 .118 .197 .020
8.0 3.0 5.0 .5
GE392K
4,700
10%
Y5P
.315 .118 .197 .020
8.0 3.0 5.0 .5
GE472K
4,700
20%
Y5U
.236 .118 .197 .020
6.0 3.0 5.0 .5
GE472M
4,700
-20+80 Y5U
.236 .118 .197 .020
6.0 3.0 5.0 .5
GE472Z
5,600
10%
Y5P
.354 .118 .197 .020
9.0 3.0 5.0 .5
GE562K
6,800
10%
Y5P
.374 .118 .197 .020
9.5 3.0 5.0 .5
GE682K
6,800
20%
Y5U
.276 .118 .197 .020
7.0 3.0 5.0 .5
GE682M
8,200
10%
Y5P
.394 .118 .197 .020
10.0 3.0 5.0 .5
GE822K
10,000
10%
Y5P
.472 .118 .197 .020
12.0 3.0 5.0 .5
GE103K
10,000
20%
Y5U
.315 .118 .197 .020
8.0 3.0 5.0 .5
GE103M
10,000
-20+80 Y5V
.236 .118 .197 .020
6.0 3.0 5.0 .5
GE103Z
22,000
20%
Y5U
.472 .118 .197 .020
12.0 3.0 5.0 .5
GE223M
50 WVDC
100 WVDC
100
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH101K
120
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH121K
150
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH151K
180
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH181K
220
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH221K
270
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH271K
330
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH331K
390
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH391K
470
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH471K
560
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH561K
680
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH681K
820
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH821K
1,000
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH102K
1,200
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH122K
1,500
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH152K
1,500
20%
Y5U
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH152M
1,500
-20+80 Y5U
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH152Z
1,800
10%
Y5P
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH182K
2,200
10%
Y5P
.315 .118 .252 .025
8.0 3.0 6.4 .6
GH222K
2,200
20%
Y5U
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH222M
2,200
-20+80 Y5U
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH222Z
2,700
10%
Y5P
.315 .118 .252 .025
8.0 3.0 6.4 .6
GH272K
3,300
10%
Y5P
.315 .118 .252 .025
8.0 3.0 6.4 .6
GH332K
3,300
20%
Y5U
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH332M
3,300
-20+80 Y5U
.236 .118 .252 .025
6.0 3.0 6.4 .6
GH332Z
3,900
10%
Y5P
.315 .118 .252 .025
8.0 3.0 6.4 .6
GH392K
4,700
10%
Y5P
.374 .118 .252 .025
9.5 3.0 6.4 .6
GH472K
4,700
20%
Y5U
.315 .118 .252 .025
8.0 3.0 6.4 .6
GH472M
4,700
-20+80 Y5U
.315 .118 .252 .025
8.0 3.0 6.4 .6
GH472Z
5,600
10%
Y5P
.374 .118 .252 .025
9.5 3.0 6.4 .6
GH562K
6,800
10%
Y5P
.472 .118 .252 .025
12.0 3.0 6.4 .6
GH682K
6,800
20%
Y5U
.315 .118 .252 .025
8.0 3.0 6.4 .6
GH682M
6,800
-20+80 Y5U
.315 .118 .252 .025
8.0 3.0 6.4 .6
GH682Z
10,000
10%
Y5P
.472 .118 .252 .025
12.0 3.0 6.4 .6
GH103K
10,000
20%
Y5U
.374 .118 .252 .025
9.5 3.0 6.4 .6
GH103M
10,000
-20+80 Y5U
.374 .118 .252 .025
9.5 3.0 6.4 .6
GH103Z
22,000
-20+80 Y5V
.472 .118 .252 .025
12.0 3.0 6.4 .6
GH223Z
100,000
-20+80 X7R
.260 .100 .374 .025
6.6 2.5 9.5 .6
GH104ZX*
100,000
-20+80 X7R
.311 .157 .374 .025
7.9 4.0 9.5 .6
GH104ZX3*
* Multilayer construction and rectangular in shape.
The diameter dimension is the largest dimension of the footprint.
Insulation Resistance:
10,000 megohms (min)
Power Factor @ 1kHz:
2.5% Max (Y5V: 5%)
Breakdown Voltage:
2.5 x rated
(5 seconds Max)
Temperature characteristics and case sizes are superior to
previous parts.
**Please note: Y5U Will no longer be available once stock is depleted. (2/23/05)


Similar Part No. - GE331K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
GE331K CDE-GE331K Datasheet
170Kb / 2P
Disc Ceramic Capacitors
logo
Mallory performance clu...
GE331K MALLORY-GE331K Datasheet
469Kb / 3P
General Purpose Disc Ceramic Capacitors
More results

Similar Description - GE331K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
Ceramic Disc Capacitors
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
Disc Ceramic Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
Ceramic Disc Capacitors
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
Ceramic Disc Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com