Electronic Components Datasheet Search
  English  ▼

X  

S217R Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # S217R
Description  2W, Low Cost DIP, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

S217R Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  S217R Datasheet HTML 1Page - Minmax Technology Co., Ltd. S217R Datasheet HTML 2Page - Minmax Technology Co., Ltd. S217R Datasheet HTML 3Page - Minmax Technology Co., Ltd. S217R Datasheet HTML 4Page - Minmax Technology Co., Ltd. S217R Datasheet HTML 5Page - Minmax Technology Co., Ltd. S217R Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
51
80
{66
{15
S220R
51
80
{83
{12
S219R
59
70
133
15
S218R
59
70
165
12
S217R
50
10
10
83
0
400
5
48
(43.2 ~ 52.8)
S216R
61
135
{66
{15
S215R
61
135
{83
{12
S214R
61
135
133
15
S213R
61
135
165
12
S212R
51
15
20
163
0
400
5
24
(21.6 ~ 26.4)
S211R
59
280
{66
{15
S210R
59
280
{83
{12
S209R
62
265
133
15
S208R
56
295
165
12
S207R
50
30
40
330
0
400
5
12
(10.8 ~ 13.2)
S206R
51
770
{66
{15
S205R
53
740
{83
{12
S204R
57
690
133
15
S203R
54
730
165
12
S202R
50
80
80
800
0
400
5
5
(4.5 ~ 5.5)
S201R
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-25
Case
Operating Temperature
]
+71
-25
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
3,000
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
55
-0.7
48VDC Input Models
VDC
30
-0.7
24VDC Input Models
VDC
15
-0.7
12VDC Input Models
VDC
7.5
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of
50% to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. All DC/DC converters should be externally fused
at the front end for protection.
5. Other input and output voltage may be available,
please contact factory.
6. Specifications subject to change without notice.
Absolute Maximum Ratings
S200R Series
2
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com