Electronic Components Datasheet Search
  English  ▼

X  

S215R Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # S215R
Description  2W, Low Cost DIP, Single & Dual Output DC/DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

S215R Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  S215R Datasheet HTML 1Page - Minmax Technology Co., Ltd. S215R Datasheet HTML 2Page - Minmax Technology Co., Ltd. S215R Datasheet HTML 3Page - Minmax Technology Co., Ltd. S215R Datasheet HTML 4Page - Minmax Technology Co., Ltd. S215R Datasheet HTML 5Page - Minmax Technology Co., Ltd. S215R Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
Positive
Regulator
Negative
Regulator
LC
Filter
Single Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Positive
Regulator
LC
Filter
Block Diagram
Low Noise
I/O Isolation
500
VDC
Low Cost
$
Minmax's S200R Model 2W DC/DC's are specially
designed to provide 40mA output ripple, continuous short
circuit in a low-profile 24-pin DIP package.
The series consists of 20 models with input voltages of
5V, 12V, 24V and 48VDC which offers regulated output
voltages of 5V, 12V, 15V, {12V and {15VDC.
The -25] to +71] operating temperature range makes
it ideal for data communication equipments, mobile battery
driven equipments, distributed power systems,
telecommunication equipments, mixed analog/digital
subsystems, automatic test instrumentation and industrial
robot systems.
Internal SMD Construction
UL 94V-0 Package Material
Short Circuit Protection
Temperature Performance -25] to +71]
Output 5, 12, 15, {12 and {15VDC
Input 5, 12, 24 and 48VDC
40mV P-P Ripple and Noise
MTBF > 800,000 Hours
500VDC Isolation
Low Cost
Key Features
2W, Low Cost DIP, Single & Dual Output DC/DC Converters
S200R Series
REV:0 2005/04
MINMAX
1


Similar Part No. - S215R

ManufacturerPart #DatasheetDescription
logo
RFE international
S215 RFE-S215 Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-14-2022
logo
Yangzhou yangjie electr...
S215F YANGJIE-S215F Datasheet
104Kb / 2P
Schottky Rectifier
logo
RFE international
S215F RFE-S215F Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-09-2022
logo
ON Semiconductor
S215FA ONSEMI-S215FA Datasheet
145Kb / 6P
Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
May, 2020 ??Rev. 1
S215FA ONSEMI-S215FA Datasheet
176Kb / 6P
Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
August, 2023 - Rev. 2
More results

Similar Description - S215R

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIR500 MINMAX-MIR500 Datasheet
236Kb / 6P
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MDHU100 MINMAX-MDHU100 Datasheet
172Kb / 7P
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200E MPD-D200E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
D200ED MPD-D200ED Datasheet
209Kb / 2P
Very Low Cost, 2W SIP Dual Isolated Output DC/DC Converters
LF200ED MPD-LF200ED Datasheet
263Kb / 2P
Low Cost, 2W SMT Dual Output DC/DC Converters
LF200ES MPD-LF200ES Datasheet
325Kb / 2P
Low Cost, 2W SMT Single Output DC/DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
2W Isolated Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com