Electronic Components Datasheet Search
  English  ▼

X  

APR34910 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APR34910
Description  Secondary-Side Synchronous Rectifier with Internal 10mΩ, 100V N-Channel MOSFET Increases Efficiency in up to 65W Adaptors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34910 Datasheet(HTML) 1 Page - Diodes Incorporated

  APR34910 Datasheet HTML 1Page - Diodes Incorporated APR34910 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Diodes logo is a registered trademark of
Diodes Incorporated in the United States and
other countries.
DIODES is a trademark of Diodes Incorporated
in the United States and other countries.
© 2022 Copyright Diodes Incorporated. All
Rights Reserved.
diodes.com
Announcement
New Product
The DIODES™ Advantage
The APR34910 is a high-performance, cost-effective,
synchronous rectification solution for up to 65W
power in portable, consumer, and home automation
applications.
Secondary-
Side Synchronous Rectifier with Internal 10mΩ, 100V
N-Channel MOSFET Increases Efficiency in up to 65W Adaptors
The DIODES™ APR34910 is a low
secondary-side synchronous rectifier-
switcher used in power adaptors for
smartphones, laptops, and STBs.
With its low 10mΩ R
DS(ON) and 100V N-
channel MOSFET, the APR34910
reduces secondary-side rectifier power
losses, increases efficiency, and
provides a high-performance solution.
The APR34910 supports continuous
conduction mode (CCM), discontinuous
conduction mode (DCM), and quasi-
resonant (QR) flyback operation.
Its short turn-on and turn-off delays
reduce power loss and eliminate false
triggering to keep safe operation without
adding any external components or
circuitry.
The APR34910 is internally charged by
a pulse linear regulator (PLR)
supporting operation with a voltage
output of 3.3V to 24V. This enables it to
support secondary voltage rails of 3.3V,
5V, 12V, and 20V as well as other non-
standard voltage rails.
The APR34910 is available in the SO-8
package with its drain pins all on one
side, which helps the device meet
creepage requirements.
APR34910
Supports CCM, DCM, and Quasi-Resonant PWM
Controller Modes
Optimizes efficiency and performance
Very Fast Turn-On and Turn-Off Delay
Reduces power loss and ensures safe operation
Built-In Regulator Supports Both High-Side and
Low-Side Rectifier Configurations
Provides flexibility and simplicity to system design
Internal 100V and 10mΩ R
DS(ON) N-Channel MOSFET
Reduces power dissipation, bill of materials (BOM), and
layout size in up to 65W adaptors
Applications
Smartphone fast-chargers
Notebook computer adaptors
Set-top box power supplies
April 2022


Similar Part No. - APR34910

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR349 DIODES-APR349 Datasheet
531Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
APR349W6-7 DIODES-APR349W6-7 Datasheet
531Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
More results

Similar Description - APR34910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Semtech Corporation
SC4910A SEMTECH-SC4910A Datasheet
318Kb / 19P
High Performance Secondary Side Controller with Synchronous Rectifier
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
Secondary-Side Synchronous Rectifier Controller
logo
International Rectifier
IRFH5104PBF IRF-IRFH5104PBF Datasheet
313Kb / 8P
Secondary Side Synchronous Rectification
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
Secondary-Side Synchronous Rectifier Driver
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
High Efficiency, Secondary-Side Synchronous Forward Controller
logo
Semtech Corporation
SC4910A SEMTECH-SC4910A_16 Datasheet
320Kb / 19P
High Performance Secondary Side Controller with Synchronous Rectifier
logo
ON Semiconductor
FAN6292 ONSEMI-FAN6292 Datasheet
898Kb / 16P
Compact Secondary-Side Synchronous Rectifier Control
February 2017- Rev. 1.0
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
Secondary Side Synchronous Rectifier Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com