Electronic Components Datasheet Search
  English  ▼

X  

PI3EQX16904GL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3EQX16904GL
Description  Two Lane PCIe 4.0 Linear ReDriver Features Low Power Operation for Mobile and PC Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3EQX16904GL Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3EQX16904GL Datasheet HTML 1Page - Diodes Incorporated PI3EQX16904GL Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
PI2EQX16924
Typical Application
PCIe 4.0 ReDriver Portfolio
Ordering Information
August 2022
Part Number
Description
Package
PI2EQX16924
PCIe 4.0, 1.8V, I2C, two Lanes (four channel) ReDriver
X2QFN-32L
PI3EQX16904GL
PCIe 4.0, 3.3V, I2C/Pin, four differential channel ReDriver
TQFN-42L
PI3EQX16908GL
PCIe 4.0, 3.3V, I2C, eight differential channel ReDriver
TQFN-72L
Orderable Part Number
Package
Code
Package
Moisture
Sensitivity
Quantity
Per Reel
Carrier
PI2EQX16924XUAEX
XUA
32-contact X2QFN
(2.85mm x 4.5mm)
MSL-1
3500
13’’ Tape
and reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com