Electronic Components Datasheet Search
  English  ▼

X  

PI3DPX20012 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3DPX20012
Description  TunableLinear ReDriver Muxesand DemuxesSupport Superior Levels of Signal Integrity for High-Speed DisplayPort 2.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX20012 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3DPX20012 Datasheet HTML 1Page - Diodes Incorporated PI3DPX20012 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES™ Advantage
The
DIODES™ PI3DPX20021 and
DIODES™ PI3DPX20012 are 2-to-1, four-
lane, ReDriver
™ muxes; and 1-to-2,
four-lane,
DisplayPort™ 2.0, Redriver
demuxes, respectively; operating at up to
UHBR20 20Gbps speeds.
The PI3DPX20021 and PI3DPX20012 have
adjustable equalizer settings through either
pin strap or I2C. There are eight equalizer
settings in total, and both devices have four
levels of adjustment for output flat gain and
output swing. These adjustments
compensate for channel loss and remove
ISI jitter for longer channel reach.
The devices are used in graphic processing
unit (GPU) outputs or other display source
multiplexing/demultiplexing applications
such as mobile workstations, gaming
notebooks, all-in-one PCs, docking devices,
display dongles, and other embedded
applications.
The PI3DPX20021 and PI3DPX20012 are
packaged in the 32-pin, 3mm x 6mm, TQFN
package and operate with an industrial
temperature range of -40ºC ~ +85ºC.
Tunable Linear ReDriver Muxes and Demuxes Support Superior
Levels of Signal Integrity for High-Speed DisplayPort 2.0
PI3DPX20021
PI3DPX20012
PI3DPX20021 and PI3DPX20012 support all VESA®
DisplayPort transmission modes
RBR (1.62Gbps), HBR (2.7Gbps), HBR2 (5.4Gbps), HBR3
(8.1Gbps), UHBR10 (10Gbps), UHBR13.5 (13.5Gbps),
and UHBR20 (20Gbps)
High-speed signal integrity pin strap/I2C with
programmable settings
Facilitates fine-tuning of equalizer, output flat gain, and
output swing
Transparent and ultra-low latency for linear ReDriver
channels
Maintains end-to-end link training of signal integrity,
ensuring high signal fidelity.
Input signal detection
Enables automatic power-saving mode
Applications
Gaming notebooks
Mobile workstations
All-in-one PCs
Embedded systems
Display dongles
Industrial computing systems
May 2022
DIODES is a trademark of Diodes Incorporated in the
United States and other countries.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2022 Copyright Diodes Incorporated. All Rights
Reserved.


Similar Part No. - PI3DPX20012

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3DPX1202A1 DIODES-PI3DPX1202A1 Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
PI3DPX1202A1ZBEX DIODES-PI3DPX1202A1ZBEX Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3DPX1202A1ZBIEX DIODES-PI3DPX1202A1ZBIEX Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
More results

Similar Description - PI3DPX20012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2715 STMICROELECTRONICS-AN2715 Datasheet
182Kb / 12P
IBIS models for signal integrity simulation of SPEAr600 applications
04-Dec-2009
AN3099 STMICROELECTRONICS-AN3099 Datasheet
225Kb / 13P
IBIS models for signal integrity simulation of SPEAr3xx applications
04-Dec-2009
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Keysight Technologies
W2302EP KEYSIGHT-W2302EP Datasheet
3Mb / 26P
Quick Start for Signal Integrity
W2308EP KEYSIGHT-W2308EP Datasheet
3Mb / 26P
Quick Start for Signal Integrity
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com