Electronic Components Datasheet Search
  English  ▼

X  

LM555QML Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM555QML
Description  LM555QML Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555QML Datasheet(HTML) 2 Page - Texas Instruments

  LM555QML Datasheet HTML 1Page - Texas Instruments LM555QML Datasheet HTML 2Page - Texas Instruments LM555QML Datasheet HTML 3Page - Texas Instruments LM555QML Datasheet HTML 4Page - Texas Instruments LM555QML Datasheet HTML 5Page - Texas Instruments LM555QML Datasheet HTML 6Page - Texas Instruments LM555QML Datasheet HTML 7Page - Texas Instruments LM555QML Datasheet HTML 8Page - Texas Instruments LM555QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LM555QML
SNOSAP2C – AUGUST 2005 – REVISED APRIL 2013
www.ti.com
SCHEMATIC DIAGRAM
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage
+18V
Power Dissipation (2)
Metal Can
760 mW
CDIP
1180 mW
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Maximum Junction Temperature (TJmax)
+150°C
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Soldering Information (Soldering 10 Seconds)
260°C
Thermal Resistance
θJA
CDIP Still Air
125°C/W
CDIP 500LF / Min Air Flow
71°C/W
Metal Can Still Air
176°C/W
Metal Can 500LF / Min Air Flow
96°C/W
θJC
CDIP
20°C/W
Metal Can
42°C/W
ESD Tolerance (3)
500V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(3)
Human body model, 1.5K
Ω in series with 100pF.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM555QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com