Electronic Components Datasheet Search
  English  ▼

X  

TL074 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TL074
Description  Low-noise JFET quad operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL074 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TL074_V01 Datasheet HTML 3Page - STMicroelectronics TL074_V01 Datasheet HTML 4Page - STMicroelectronics TL074_V01 Datasheet HTML 5Page - STMicroelectronics TL074_V01 Datasheet HTML 6Page - STMicroelectronics TL074_V01 Datasheet HTML 7Page - STMicroelectronics TL074_V01 Datasheet HTML 8Page - STMicroelectronics TL074_V01 Datasheet HTML 9Page - STMicroelectronics TL074_V01 Datasheet HTML 10Page - STMicroelectronics TL074_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID2297 Rev 5
7/18
TL074
Electrical characteristics
18
Figure 2. Maximum peak-to-peak output voltage
versus frequency
Figure 3. Maximum peak-to-peak output voltage
versus frequency
Figure 4. Maximum peak-to-peak output voltage
versus frequency
Figure 5. Maximum peak-to-peak output voltage
versus free air temperature
Figure 6. Maximum peak-to-peak output voltage
versus load resistance
Figure 7. Maximum peak-to-peak output voltage
versus supply voltage
30
25
20
15
10
5
02
4
68
10
12
14
16
R
L = 10 kΩ
Tamb = +25˚C
SUPPLY VOLTAGE ( V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com