Electronic Components Datasheet Search
  English  ▼

X  

SN012020 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN012020
Description  TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN012020 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN012020 Datasheet HTML 9Page - Texas Instruments SN012020 Datasheet HTML 10Page - Texas Instruments SN012020 Datasheet HTML 11Page - Texas Instruments SN012020 Datasheet HTML 12Page - Texas Instruments SN012020 Datasheet HTML 13Page - Texas Instruments SN012020 Datasheet HTML 14Page - Texas Instruments SN012020 Datasheet HTML 15Page - Texas Instruments SN012020 Datasheet HTML 16Page - Texas Instruments SN012020 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
With a 0.564 VRMS input signal, the peak Class-D output voltage is 4.78 V. When the supply voltage is above
3.45 V, the output voltage remains below the limiter level, and the gain stays at 15.5 dB. Once the supply drops
below 3.45 V, the limiter level decreases below 4.78 V, and SpeakerGuard™ decreases the gain.
The same rationale applies to the 0.475 VRMS input signal. Although the supply voltage may be below the
inflection point, audio gain does not decrease until the Class-D output voltage is above the limiter level.
9.3.1.2 Battery Tracking SpeakerGuard™
The TPA2015D1 monitors the battery voltage and the audio signal, automatically decreasing gain when battery
voltage is low and audio output power is high. It finds the optimal gain to maximize loudness and minimize
battery current, providing louder audio and preventing early shutdown at end-of-charge battery voltages.
SpeakerGuard™ decreases amplifier gain when the audio signal exceeds the limiter level. The limiter level
automatically decreases when the supply voltage (VBAT) is below the inflection point. Figure 9-3 shows a plot of
the limiter level as a function of the supply voltage.
Inflectionpoint
LimiterLevel(VBAT>inflectionpoint)
LimiterLevel(VBAT=inflectionpoint)
SupplyVoltage
Figure 9-3. Limiter Level vs Supply Voltage
The limiter level decreases within 60 µs of the supply voltage dropping below the inflection point. Although this is
slightly slower than the 26 µs/dB SpeakerGuard™ attack time, the difference is audibly imperceptible.
Connect a resistor between the AGC pin and ground to set the inflection point, as shown in Table 9-1. Leave the
AGC pin floating to disable the inflection point, keeping the limiter level constant over all supply voltages.
The maximum limiter level is fixed, as is the slope of the limiter level versus supply voltage. If different values for
maximum limiter level and slope are required, contact your local Texas Instruments representative.
Table 9-1. AGC Function Table
FUNCTION
RESISTOR ON AGC PIN
INFLECTION POINT
Constant limiter level; battery track OFF
Floating or connected to VBAT
disabled
AGC battery track option 1
39 kΩ
3.55 V
AGC battery track option 2
27 kΩ
3.78 V
AGC battery track option 3
18 kΩ
3.96 V
The audio signal is not affected by the SpeakerGuard™ function unless the peak audio output voltage exceeds
the limiter level. Figure 9-7 shows the relationship between the audio signal, the limiter level, the supply voltage,
and the supply current.
When VBAT is greater than the inflection point, the limiter level allows the output signal to slightly clip to roughly
6% THD at 2 W into 8 Ω. This is an acceptable peak distortion level for most small-sized portable speakers,
while ensuring maximum loudness from the speaker.
9.3.2 Fully Differential Class-D Amplifier
The TPA2015D1 uses a fully differential amplifier with differential inputs and outputs. The differential output
voltage equals the differential input multiplied by the amplifier gain. The TPA2015D1 can also be used with
a single-ended input. However, using differential input signals when in a noisy environment, like a wireless
handset, ensures maximum system noise rejection.
www.ti.com
TPA2015D1
SLOS638C – NOVEMBER 2011 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPA2015D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com