Electronic Components Datasheet Search
  English  ▼

X  

PI3EQX16908GL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3EQX16908GL
Description  Eight-Channel ReDriver Boosts Signal Quality of High-Speed PCIe 5.0, SAS4, and CXL Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3EQX16908GL Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3EQX16908GL Datasheet HTML 1Page - Diodes Incorporated PI3EQX16908GL Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
PI3EQX32908
Typical Application
Product Portfolio
Ordering Information
June 2022
Part Number
Description
Package
PI3EQX32908ZRIEX
PCIe 5.0, 32Gbps, eight-differential channel ReDriver
WQFN-62
PI3EQX16908GL
PCIe 4.0, 16Gbps, eight-differential channel ReDriver
TQFN-72
Orderable
Part Number
Compliance
(Only Automotive
supports PPAP)
Package
Code
Package
Moisture
Sensitivity
Quantity
Carrier
PI3EQX32908ZRIEX
Standard
ZR
62-Contact
WQFN (9mm x
3.5mm)
MSL-3
3500
13’’ Tape
and Reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com