Electronic Components Datasheet Search
  English  ▼

X  

ULN2002A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ULN2002A
Description  Seven Channel, DMOSFET, Transistor Array with Negative Input Range Provides Load Current Feedback and Reduced Power Dissipation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ULN2002A Datasheet(HTML) 2 Page - Diodes Incorporated

  ULN2002A Datasheet HTML 1Page - Diodes Incorporated ULN2002A Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
Typical Application
Transistor Array Portfolio
Ordering Information
Orderable
Part Number
Package
Moisture
Sensitivity
Packing
Qty.
Carrier
ULN62003AS16-13
SO16
MSL-3
4000
Tape & Reel
ULN62003A
Part
Number
Channels
Output
Stage
Input
Compatibility
Max
Output
Voltage
(V)
Max
Output
Current
(mA)
Typical
100mA
VDROP
(V)
Delay
Time
(ns)
Operating
Temperature
Range
(
oC)
Packages
ULN62003A
7
DMOSFET
5V TTL, CMOS
50
500
0.2
400
-40 to 125
SO-16
ULN2002A
7
Darlington
Transistor
14~25V PMOS
50
500
0.9
250
-40 to 105
PDIP-16,
SO-16
ULN2003A
7
Darlington
Transistor
5V TTL, CMOS
50
500
0.9
250
-40 to 105
PDIP-16,
SO-16
ULN2003F12
4
Darlington
Transistor
5V TTL, CMOS
20
1000
0.75
50
-40 to 125
U-DFN3030-10
ULN2003V12
7
Darlington
Transistor
5V TTL, CMOS
20
1000
0.75
50
-40 to 125
SO-16,
TSSOP-16
ULN2004A
7
Darlington
Transistor
6~15V CMOS,
PMOS
50
500
0.9
250
-40 to 105
PDIP-16,
SO-16
Output Voltage Drop
Comparison
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
100
200
300
400
500
ULN2003A
Output Drop Voltage (V)
ULN62003A
July 2022



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com