Electronic Components Datasheet Search
  English  ▼

X  

LTC4215CUFD-3 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4215CUFD-3
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD-3 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4215CUFD-3 Datasheet HTML 9Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 10Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 11Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 12Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 13Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 14Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 15Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 16Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC4215-1/LTC4215-3
13
421513fc
The MOSFET is turned on by charging up the GATE with
a 20μA current source. When the GATE voltage reaches
the MOSFET threshold voltage, the MOSFET begins to
turn on and the SOURCE voltage then follows the GATE
voltage as it increases.
When the MOSFET is turning on, it ramps inrush current
up linearly at a dI/dt rate selected by capacitor CSS. Once
the inrush current reaches the limit set by the FB pin, the
dI/dt ramp stops and the inrush current follows the fold-
back profile as shown in Figure 2. The TIMER capacitor
integrates at 100μA during start-up and once it reaches its
threshold of 1.235V, the part checks to see if it is in current
limit, which indicates that it has started up into a short-
circuit condition. If this is the case, the overcurrent fault
bit, D2 in Table 5, is set and the part turns off. If the part
is not in current limit, the 25mV circuit breaker is armed
and the current limit is switched to 75mV. Alternately an
internal 100ms start-up timer may be selected by tying
the TIMER pin to INTVCC.
As the SOURCE voltage rises, the FB pin follows as set by
R7 and R8. Once FB crosses its 1.235V threshold, and the
start-up timer has expired, the GPIO1 pin, if configured
to indicate power-good, ceases to pull low and indicates
that power is now good. Alternately bit C3 can be read
to check power-good status, where a zero indicates that
power is good.
Figure 2. Power-Up Waveforms
If R6 and C1 are employed for a constant current during
start-up, which produces a constant dV/dt at the output,
a 20μA pull-up current from the gate pin slews the gate
upwards and the part is not in current limit. The start-up
TIMER may expire in this condition and an overcurrent
(OC) fault is not generated even though start-up has not
completed. Either the sense voltage increases to the
25mV CB threshold and generates an OC fault, or the FB
pin voltage crosses its 1.235V power good threshold and
is indicated in bit C3 as well as the GPIO1 pin if GPIO1 is
configured to do so.
GATE Pin Voltage
A curve of GATE-to-SOURCE drive vs VDD is shown in the
Typical Performance Characteristics. At minimum input
supply voltage of 2.9V, the minimum GATE-to-SOURCE
drive voltage is 4.7V. The GATE-to-SOURCE voltage is
clamped below 6.5V to protect the gates of logic level
N-channel MOSFETs.
Turn-Off Sequence
The GATE is turned off by a variety of conditions. A normal
turn-off is initiated by the ON pin going low or a serial bus
turn-off command. Additionally, several fault conditions
turn off the GATE. These include an input overvoltage
APPLICATIONS INFORMATION
VDD + 6V
VGATE
VOUT
GPIO1
(POWER GOOD)
ILOAD • RSENSE
VDD
VSENSE
25mV
10mV
SS
LIMITED
FB
LIMITED
4215 F02
TIMER
EXPIRES
tSTARTUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com