Electronic Components Datasheet Search
  English  ▼

X  

TIP32CE3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # TIP32CE3
Description  3A PNP Epitaxial Planar Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP32CE3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  TIP32CE3 Datasheet HTML 1Page - Cystech Electonics Corp. TIP32CE3 Datasheet HTML 2Page - Cystech Electonics Corp. TIP32CE3 Datasheet HTML 3Page - Cystech Electonics Corp. TIP32CE3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C610E3
Issued Date : 2003.09.04
Revised Date :
Page No. : 1/4
TIP32CE3
CYStek Product Specification
3A PNP Epitaxial Planar Power Transistor
TIP32CE3
Description
TIP32CE3 is designed for use in general purpose amplifier and switching applications.
Features
• Low collector-emitter saturation voltage, VCE(sat) = -1.2V(max) @ IC = -3A
• High collector-emitter sustaining voltage, BVCEO(SUS) = -100V(min)
• High current gain-bandwidth product , fT = 3MHz(min) @ IC = -500mA
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-3
Collector Current (Pulse)
ICP
-5 (Note 1)
A
Base Current
IB
-1
A
Power Dissipation @ TA=25℃
PD
2
Power Dissipation @ TC=25℃
PD
40
W
Thermal Resistance, Junction to Ambient
RθJA
62.5
°C/W
Thermal Resistance, Junction to Case
RθJC
3.125
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : 1. Single Pulse , Pw≦380µs, Duty≦2%.
TIP32CE3
TO-220AB
B:Base
C:Collector
E:Emitter
B C E


Similar Part No. - TIP32CE3

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32C MOSPEC-TIP32C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP32C MOTOROLA-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP32C ONSEMI-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP32C POINN-TIP32C Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP32CE3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTA1640FP CYSTEKEC-BTA1640FP Datasheet
163Kb / 4P
PNP Epitaxial Planar Power Transistor
BTA1640FP CYSTEKEC-BTA1640FP_07 Datasheet
178Kb / 4P
PNP Epitaxial Planar Power Transistor
BTA1640I3 CYSTEKEC-BTA1640I3 Datasheet
227Kb / 5P
PNP Epitaxial Planar Power Transistor
BTA1640J3 CYSTEKEC-BTA1640J3 Datasheet
242Kb / 6P
PNP Epitaxial Planar Power Transistor
TIP31CE3 CYSTEKEC-TIP31CE3 Datasheet
155Kb / 4P
3A NPN Epitaxial Planar Power Transistor
BTA1640F3 CYSTEKEC-BTA1640F3 Datasheet
248Kb / 6P
PNP Epitaxial Planar Power Transistor
BTA1640T3 CYSTEKEC-BTA1640T3 Datasheet
237Kb / 5P
PNP Epitaxial Planar Power Transistor
BTA1640T3 CYSTEKEC-BTA1640T3 Datasheet
237Kb / 5P
PNP Epitaxial Planar Power Transistor
BTP949L3 CYSTEKEC-BTP949L3 Datasheet
210Kb / 6P
PNP Epitaxial Planar Power Transistor
TIP31CJ3 CYSTEKEC-TIP31CJ3 Datasheet
317Kb / 6P
3A NPN Epitaxial Planar Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com