Electronic Components Datasheet Search
  English  ▼

X  

TL431XM3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # TL431XM3
Description  Adjustable Precision Shunt Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL431XM3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  TL431XM3 Datasheet HTML 1Page - Cystech Electonics Corp. TL431XM3 Datasheet HTML 2Page - Cystech Electonics Corp. TL431XM3 Datasheet HTML 3Page - Cystech Electonics Corp. TL431XM3 Datasheet HTML 4Page - Cystech Electonics Corp. TL431XM3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C502M3
Issued Date : 2003.04.02
Revised Date : 2005.04.20
Page No. : 2/5
TL431M3
CYStek Product Specification
Functional Block Diagram
& Symbol
Test Circuits
Electrical Characteristics ( Ta=25°C unless otherwise specified )
Characteristics
Symbol
Test Conditions
Min
Typ
Max Unit
TL431A
2.445 2.495 2.545
TL431B
2.470 2.495 2.520
Reference Input Voltage
TL431C
VREF
VKA=VREF, IK=10mA
2.480 2.495 2.510
V
Deviation of Reference Input Voltage
Over-Temperature
VREF(dev)
VKA=VREF, IK=10mA
Tmin
≤Ta≤Tmax
-
4
17
mV
IK=10mA,
∆VKA=10V-VREF
-
-1.4
-2.7
mV
Ratio of Change in Reference Input
Voltage to the Change in Cathode
Voltage
∆VREF /
∆VKA IK=10mA,
∆KKA=36V-10V
-
-1.0
-2.0
V
Reference Input Current
IREF
IK=10mA, R1=10k
Ω,
R2=
∞
-
2
4
µA
Deviation of Reference Input Current
Over Full Temperature Range
IREF(dev)
IK=10mA, R1=10k
Ω,
R2=
∞, Ta=Full Range
-
0.4
1.2
µA
Minimum Cathode Current for
Regulation
IK(min)
VKA=VREF
-
0.4
1.0
mA
Off-State Cathode Current
IK(off)
VKA=36V, VREF=0
-
0.1
1.0
µA
Dynamic impedance
ZKA
VKA=VREF, f
≤1.0KHz
IK=1 to 100mA
-
0.2
0.5
Ω
Functional Block Diagram :
Symbol :
Cathode
Reference
Anode
Cathode
VREF
+
-
Reference
Anode
IN
VZ
II
IREF
VREF
IZ
R1
Fig1. Test Circuit for VZ=VREF
II
VZ
IN
IREF
IZ
R2
VREF
Fig 2. Test Circuit for VZ>VREF
Note : VZ=VREF(1+R1/R2)+IREFxR1
IN
VZ
Fig3. Test Circuit for Off-State
Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com