Electronic Components Datasheet Search
  English  ▼

X  

RM Datasheet(PDF) 2 Page - C&K Components

Part # RM
Description  Subminiature Rotary Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RM Datasheet(HTML) 2 Page - C&K Components

  RM Datasheet HTML 1Page - C&K Components RM Datasheet HTML 2Page - C&K Components RM Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
K
ELECTRICAL SCHEMATIC - RM SERIES SWITCHES
SWITCH
FUNCTION
TRAVEL
POSITION
0
TRAVEL
POSITION
45
TRAVEL
POSITION
90
TRAVEL
POSITION
135
TRAVEL
POSITION
180
TRAVEL
POSITION
225
TRAVEL
POSITION
270
TRAVEL
POSITION
315
RM100
C-C(OFF)
C-1
C-2
C-3
C-4
C-5
C-6
C-7
RM101
C-C(OFF)
XXXXXX
C-7
RM102
X
C-1
C-2
XXXXX
RM103
X
C-1
C-2
C-3
X
XXX
RM104
X
C-1
C-2
C-3
C-4
XXX
RM105
X
C-1
C-2
C-3
C-4
C-5
XX
RM106
X
C-1
C-2
C-3
C-4
C-5
C-6
X
RM107
X
C-1
C-2
C-3
C-4
C-5
C-6
C-7
TERMINAL ID NUMBERS ARE
SHOWN FOR REFERENCE ONLY
AND ARE NOT MARKED ON
BOTTOM OF THE SWITCH
EXTERIOR KEY TAB SHOWN IDENTIFIES
"C" (COMMON TERMINAL)
C
1
2
3
4
5
6
7
5,08
0,9 TYP
3,5
4X 0,6 X 0.6
15,1 REF
TYP
45°
9,2
0,61
6,47
4,4
1,4
0,76
3X 0,9
120°
3X 0,8
120°
TYP
45°
4,2
1,2
0,7
1
2,9
EXTENDED ACTUATOR
4
5
6
7
COMMON
TERMINAL
PCB. LAYOUT
C
1
2
3
RM Series
Subminiature Rotary Switches
FLUSH ACTUATOR
77 7.7 MM HIGH, FLATTED, SCREWDRIVER SLOT
00 FLUSH, SCREWDRIVER SLOT
K–31
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
12 apr 18



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com