Electronic Components Datasheet Search
  English  ▼

X  

S2SD Datasheet(PDF) 1 Page - Samtec, Inc

Part # S2SD
Description  (2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

S2SD Datasheet(HTML) 1 Page - Samtec, Inc

  S2SD Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
View complete specifications at:
samtec.com?S2SD and samtec.com?S2SDT
SERIES
- PINS
PER ROW
- WIRE
GAUGE
- PLATING
OPTION
- ASSEMBLED
LENGTH
-
END
OPTIONS
- END2
OPTIONS
S2SD
= Double Row
PVC Cable
S2SDT
= Double Row
Blue *Teflon®
Cable
(24, 28, 30
Gauge only)
–05, –07, –10,
–15, –20, –25, –30
(Standard sizes)
–24
–24C
= Color
Coded
Cable
(S2SD only)
–26
–28
–30
–L
= 10 µ"
(0.25 µm)
Gold on
contact
–“XX.XX”
= Wire Length in
Inches (69.85 mm)
02.75" min.
–S
= Single End
–D
= Double End
Specify “S” for single ended
and “D” for double ended.
–(X)R
= Retention Latch
(–SR mates with T2M-WT)
–(X)S
= Screw Down
(10 positions minimum)
(mates with T2M-DS)
(Only available with
–D, –DR & –DS)
–NUS
= Notch up, straight
(Pin 1 to Pin N-1)
–NDS
= Notch down, straight
(Pin 1 to Pin 2)
–NUX
= Notch up, crossed
(Pin 1 to Pin N)
–NDX
= Notch down, crossed
(Pin 1 to Pin 1)
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
(5.15)
.203
No. of positions x
(2.00) .0787 + (3.50) .138
(7.52)
.296
(11.38)
.448
Assembly
Length
± (3.18)
.125
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
View complete specifications at:
samtec.com?ISD2, samtec.com?CC81R & samtec.com?CC81L
SPECIFICATIONS
Insulator Material:
Black LCP
Contact Material:
BeCu
Plating:
Au over 50 µ
" (1.27 µm) Ni
Wire:
24, 26, 28 or 30 AWG
Operating Temp Range:
-10 °C to +105 °C (PVC)
-40 °C to +125 °C (*Teflon®)
Current Rating
(S2SD-24/T2M):
3.8 A per pin
(2 pins powered)
Voltage Rating:
250 VAC
(3.17)
.125
(12.35)
.486
ISD2
- POSITIONS
PER ROW
- ROW
OPTION
- LATCH
OPTION
–05, –07, –10, –15,
–20, –25, –30
(Standard sizes)
–D
= Double
Row
–M
= Metal
Retention
Latch
–S
= Screw
Down
TOOLING
Hand Tool: CAT-HT-281-2430-13
Mini Applicator: CAT-MC-281-2426-XX-01 (24-26 AWG)
Extraction Tool: CAT-EX-169-01
Mini Applicator: CAT-MC-281-2830-XX-01 (28-30 AWG)
–24C CABLE
COLOR CODING
PIN
COLOR
1
BROWN
2
RED
3
ORANGE
4
YELLOW
5
GREEN
6
VIOLET
7
GRAY
8
WHITE
9
BLACK
10
BLUE
ETC
REPEAT
(2.64)
.104
(2.07) .081
(2.03)
.080
(3.68)
.145
(1.78)
.070
(2.00)
.079
DIA
–M
–S
samtec.com/2mm-TigerEye
Notes:
Teflon® cable is intended
for crimp only. Contact
Samtec for solderable cable
applications.
For wiring option information
refer to drawings on web.
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
*DuPont™ Teflon® is a
registered trademark of the
E.I. du Pont de Nemours
and Company or its affiliates.
SERIES
- WIRE
GAUGE
- 01 - L
CC81L
=Contact, Loose
CC81R
= Contact,
Full Reel
(17,000 Parts
per Reel)
–2426
= 24 to 26 AWG
–2830
= 28 to 30 AWG
–L
= 10 µ" (0.25 µm)
Gold on contact
S2SD(T)
Board Mates:
T2M
F-221


Similar Part No. - S2SD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S2S LITTELFUSE-S2S Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S2S ETC2-S2S Datasheet
205Kb / 12P
RoHS Compliant
S2S ETC2-S2S Datasheet
205Kb / 12P
RoHS Compliant
S2S0518A4 ETC2-S2S0518A4 Datasheet
116Kb / 1P
SPDT PIN DIODE SWITCHES
S2S0518A5 ETC2-S2S0518A5 Datasheet
116Kb / 1P
SPDT PIN DIODE SWITCHES
More results

Similar Description - S2SD

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EBTF-RA SAMTEC-EBTF-RA Datasheet
628Kb / 5P
2.00 mm (.0787?? ExaMAX짰 Right-Angle Receptacle & Vertical Header
S2M SAMTEC-S2M Datasheet
528Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
EBCM SAMTEC-EBCM Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 30SEP21
EBTF SAMTEC-EBTF Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 27JAN22
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
ETMM SAMTEC-ETMM Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
TCSD SAMTEC-TCSD Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
2854182 SAMTEC-2854182 Datasheet
575Kb / 2P
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
SQW SAMTEC-SQW Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com