Electronic Components Datasheet Search
  English  ▼

X  

CD-DF406S Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CD-DF406S
Description  CD-DF4xxS(L) Series Surface Mount Bridge Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-DF406S Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD-DF406S Datasheet HTML 1Page - Bourns Electronic Solutions CD-DF406S Datasheet HTML 2Page - Bourns Electronic Solutions CD-DF406S Datasheet HTML 3Page - Bourns Electronic Solutions CD-DF406S Datasheet HTML 4Page - Bourns Electronic Solutions CD-DF406S Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CD-DF4xxS(L) Series Surface Mount Bridge Rectifier Diode
Product Dimensions
This is an RoHS2 compliant product, packaged with FRP substrate and is epoxy underfilled. The terminals are pure tin plated (lead free) and
are solderable per MIL-STD-750, Method 2026. The package and dimensions are shown below.
B
D
E
C
F
A
MM
(INCHES)
DIMENSIONS:
TOP VIEW
Dimensions
A
8.00 - 8.20
(0.315 - 0.323)
B
5.00 - 5.20
(0.197 - 0.205)
C
10.40 - 10.60
(0.409 - 0.417)
D
1.85 - 2.15
(0.073 - 0.085)
E
2.10 - 2.30
(0.083 - 0.091)
F
1.15 - 1.45
(0.045 - 0.067)
Recommended Footprint
MM
(INCHES)
DIMENSIONS:
5.2
(0.205)
7.7
(0.303)
2.4
(0.094)
4.4
(0.173)
How to Order
CD - DF 4 06 SL
Common Code
Chip Diode
Model
DF = DF Bridge Series
Average Forward Current
4 = 4 A
Reverse Voltage
06 = 600 V
08 = 800 V
10 = 1000 V
Forward Voltage Suffix
S = Standard Forward Voltage
SL = Low Forward Voltage
Typical Part Marking
MANUFACTURER’S
TRADEMARK
FORWARD
CURRENT
x 100 mA
LOW
FORWARD
VOLTAGE
VRMS = 800 V
DATE CODE
40L
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com