Electronic Components Datasheet Search
  English  ▼

X  

CD-DF408SL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD-DF408SL
Description  CD-DF4xxS(L) Series Surface Mount Bridge Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-DF408SL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD-DF408SL Datasheet HTML 1Page - Bourns Electronic Solutions CD-DF408SL Datasheet HTML 2Page - Bourns Electronic Solutions CD-DF408SL Datasheet HTML 3Page - Bourns Electronic Solutions CD-DF408SL Datasheet HTML 4Page - Bourns Electronic Solutions CD-DF408SL Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CD-DF4xxS(L) Series Surface Mount Bridge Rectifier Diode
Rating and Characteristic Curves
Forward Current Derating Curve
Maximum Non-Repetitive Peak Forward Surge Current
2
1
4
5
3
0
0
25
50
75
100
125
150
175
60 Hz Resistive or
Inductive load
Pulse Width 8.3 ms
Single Half-Sine-Wave
0
50
100
150
200
1
10
100
0.01
0
0.10
1.0
10.0
100
TJ =100
oC
TJ =25
oC
20
40
60
80
120
140
100
TJ =25
oC
f =1.0 MHz
Vsig = 50 mVP-P
.1
1
100
1.0
2
4
10
20
40
100
10
Ambient Temperature (°C)
Number of Cycles at 60 Hz
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (Volts)
0.01
0
0.2
0.4
0.6
0.8
1.2
1.0
1
10
CD-DF4xxS
CD-DF4xxSL
Instantaneous Forward Voltage (Volts)
0.1
TJ=25
o
C
Forward Characteristics
Reverse Characteristics
Typical Junction Capacitance
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers
as set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com