Electronic Components Datasheet Search
  English  ▼

X  

DTC123JS3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTC123JS3
Description  PNP Digital Transistors (Built-in Resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC123JS3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTC123JS3 Datasheet HTML 1Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 2Page - Cystech Electonics Corp. DTC123JS3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C261S3
Issued Date : 2003.07.21
Revised Date :
Page No. : 2/3
DTA123JS3
CYStek Product Specification
Electrical Characteristics (Ta=25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VI(off)
-
-
-0.5
V
VCC=-5V, IO=-100µA
Input Voltage
VI(on)
-1.1
-
-
V
VO=-0.3V, IO=-5mA
Output Voltage
VO(on)
-
-
-0.3
V
IO/II=-5mA/-0.25mA
Input Current
II
-
-
-3.6
mA
VI=-5V
Output Current
IO(off)
-
-
-0.5
µA
VCC=-50V, VI=0V
DC Current Gain
GI
80
-
-
-
VO=-5V, IO=-10mA
Input Resistance
R1
1.54
2.2
2.86
k
Ω
-
Resistance Ratio
R2/R1
17
21
26
-
-
Transition Frequency
fT
-
250
-
MHz
VCE=-10V, IC=-5mA, f=100MHz *
* Transition frequency of the device



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com