Electronic Components Datasheet Search
  English  ▼

X  

RS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RS
Description  RS Style Wirewound Fuse Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS Datasheet(HTML) 1 Page - Vishay Siliconix

  RS Datasheet HTML 1Page - Vishay Siliconix RS Datasheet HTML 2Page - Vishay Siliconix RS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RS Style Wirewound Fuse Resistor
www.vishay.com
Vishay Dale
Revision: 08-Jul-16
1
Document Number: 30232
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Acting, Molded Styles,
Custom Designed For Your Application
FEATURES
• Low temperature coefficient (down to 30 ppm/°C)
• High
temperature
silicone
molded
package
(derated to 200 °C)
• Performs function of resistor and series fuse and provides
predictable fusing times
• Complete welded construction
• No flaming or distortion of unit under sufficient fusing
conditions (contact factory for details)
• Ideal for squib circuit applications and protection of
semi-conductor devices
• Negligible noise and voltage coefficient
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) The continuous current rating applies only to values equal to or less than the crossover value. The continuous power rating applies only to
values equal to or higher than the crossover value.
• Be aware that the inherent compromise involved between resistive and fusing functions sometimes makes certain exact combinations
unattainable. However, in nearly all cases, this does not prevent the production of a functional, reliable fuse resistor thoroughly capable of
meeting application requirements.
Available
TYPICAL ELECTRICAL SPECIFICATIONS
The following are offered as examples of reliable designs. Hundreds of possible combinations are available for meeting your requirements.
Contact factory by using email address in the footer of this page, for assistance. Higher wattages available.
GLOBAL
MODEL
HISTORICAL
MODEL
FUSING PARAMETERS
RESISTANCE
RANGE
TOLERANCE
± %
1.0 W CONTINUOUS POWER (1)
FUSING
CURRENT
A
TYPICAL
FUSING TIME
ms
CONTINUOUS
CURRENT
A
CROSSOVER
VALUE
RS01A...209
RS-1A-209
0.5
4
49 to 500
5, 10
0.10
100.0
RS01A...118
RS-1A-118
1.0
9
6.8 to 185
5, 10
0.25
16.0
RS01A...212
RS-1A-212
1.25
8
4.7 to 107
5, 10
0.30
11.11
RS01A...213
RS-1A-213
1.5
15
3.5 to 68
5, 10
0.35
8.16
RS01A...143
RS-1A-143
2.0
15
2.2 to 35
5, 10
0.40
6.25
RS01A...214
RS-1A-214
2.5
23
1.7 to 23
5, 10
0.45
4.94
RS01A...162
RS-1A-162
3.0
48
1.1 to 12
5, 10
0.55
3.31
RS01A...208
RS-1A-208
4.0
47
0.72 to 6.44
5, 10
0.75
1.78
RS01A...207
RS-1A-207
6.0
70
0.35 to 2.17
5, 10
1.0
1.0
RS01A...215
RS-1A-215
8.0
48
0.29 to 1.61
5, 10
1.25
0.64
RS01A...173
RS-1A-173
10.0
50
0.23 to 1.16
5, 10
1.50
0.44
RS01A...216
RS-1A-216
15.0
35
0.19 to 0.82
5, 10
1.75
0.33
RS01A...217
RS-1A-217
20.0
46
0.12 to 0.42
5, 10
2.0
0.25
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: RS01A402R0JS70209
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
(see Typical Electrical
Specifications Global
Model column for
options)
R = decimal
15R00 = 15
J = ± 5.0 %
K = ± 10.0 %
E70 = lead (Pb)-free, tape/reel
E12 = lead (Pb)-free, bulk
(dash number)
(up to 3 digits)
From 1 to 999
as applicable
S70 = tin/lead, tape/reel
B12 = tin/lead, bulk
Historical Part Numbering example: RS-1A-209 402
 5 % S70
RS-1A-209
402
5 %
S70
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
If a MODEL listed in TYPICAL ELECTRICAL SPECIFICATIONS table does not meet your requirements, then please include the following
information. It will enable us to choose the best design for your application.
1. Operating wattage or current, ambient temperature and required resistance stability. (%
R/1000 h)
2. Fusing wattage or current and maximum “blow” time. Also, minimum “blow” time, if applicable.
3. Nominal resistance and maximum allowable resistance tolerance, (5 % to 10 % preferred).
4. Maximum allowable physical size.
5. Voltage to be interrupted.
6. Frequency of power source, wave form and a brief description of your application.
S
0
1
A
402
R0
J
S
7
0
R
2
0
9


Similar Description - RS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR6327 BOURNS-PWR6327 Datasheet
122Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
logo
List of Unclassifed Man...
SM8035FT1R00 ETC2-SM8035FT1R00 Datasheet
130Kb / 2P
Surface Mount Wirewound Resistor
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
logo
Vishay Siliconix
MRS VISHAY-MRS Datasheet
90Kb / 4P
Wirewound Resistor, Open Style, Current Shunts, Very Low Value
28-Jun-12
logo
Stackpole Electronics, ...
MHL SEI-MHL Datasheet
275Kb / 4P
Metal Clad Wirewound Resistor
12/01/2020
SMH SEI-SMH Datasheet
267Kb / 4P
Surface Mount Wirewound Resistor
8/31/2022
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
Fusing Wirewound Resistor
4/30/2021
WWP SEI-WWP Datasheet
355Kb / 5P
Pulse Withstanding Wirewound Resistor
5/24/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com