Electronic Components Datasheet Search
  English  ▼

X  

THJP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # THJP
Description  ThermaWickTM Thermal Jumper Surface Mount Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

THJP Datasheet(HTML) 2 Page - Vishay Siliconix

  THJP Datasheet HTML 1Page - Vishay Siliconix THJP Datasheet HTML 2Page - Vishay Siliconix THJP Datasheet HTML 3Page - Vishay Siliconix THJP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THJP
www.vishay.com
Vishay Dale Thin Film
Revision: 18-Mar-2021
2
Document Number: 60157
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
•
where k is the thermal conductivity of AIN, 170 W/mK
DIMENSIONS in inches
CASE SIZE
L
W
T
D
0603
0.061 ± 0.005
0.033 ± 0.005
0.030 ± 0.005
0.015 ± 0.005
0612
0.063 ± 0.005
0.126 ± 0.005
0.030 ± 0.005
0.015 ± 0.005
0805
0.079 ± 0.005
0.047 ± 0.005
0.030 ± 0.005
0.020 ± 0.005
1206
0.126 ± 0.005
0.063 ± 0.005
0.030 ± 0.005
0.020 ± 0.005
1225
0.126 ± 0.005
0.252 ± 0.005
0.030 ± 0.005
0.020 ± 0.005
2512
0.252 ± 0.005
0.126 ± 0.005
0.030 ± 0.005
0.020 ± 0.005
TYPICAL CHARACTERISTICS
CASE SIZE
0603
0612
0805
1206
1225
2512
Thermal resistance (°C/W), TR
14413
15415
Thermal conductance (mW/°C), TC
70
259
77
65
259
65
Capacitance (pF)
0.07
0.26
0.15
0.07
0.26
0.07
Dielectric withstanding voltage kVAC, RMS (60 Hz)
> 1.5
> 1.5
> 1.5
> 1.5
> 1.5
> 1.5
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
Operating temperature range
-65 °C to +150 °C
Storage temperature range
-65 °C to +150 °C
STANDARD MATERIAL SPECIFICATIONS
Substrate material
Aluminum nitride (170 W/mK)
Termination (tin / lead)
Electroplate tin / lead over electroplate nickel
Termination (lead (Pb)-free)
Electroplate tin (e3) over electroplate nickel
ENVIRONMENTAL TESTS (Vishay Performance vs. MIL-PRF-55342 / AEC-Q200 Requirements)
ENVIRONMENTAL TEST
CONDITIONS
LIMITS
TYPICAL VISHAY
PERFORMANCE
Solderability
Visual
J-STD-002, method B and B1
95 %
Acceptable
Solder mounting integrity
Visual
MIL-PRF-55342, method par. 4.8.13.1
Pass / fail
Pass
Board flex
Visual
AEC-Q200, method 005
Pass / fail
Pass
W
T
D
D
L
T
R
L
k T
W
•
()
-------------------------
=
T
C
1
T
R
------
=



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com