Electronic Components Datasheet Search
  English  ▼

X  

XT49M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XT49M
Description  Low Profile SMD Type Crystal Units
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT49M Datasheet(HTML) 1 Page - Vishay Siliconix

  XT49M Datasheet HTML 1Page - Vishay Siliconix XT49M Datasheet HTML 2Page - Vishay Siliconix XT49M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
XT49M
www.vishay.com
Vishay Dale
Revision: 13-Jan-2020
1
Document Number: 35012
For technical questions, contact: frequency@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Profile SMD Type Crystal Units
Note
• Not compatible with vapor phase reflow mounting
This part is a miniature AT cut strip crystal unit packaged for
surface mounting.
FEATURES
•Low cost
• Industry standard
• Wide frequency range
• Excellent aging
• Surface-mount
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
UNIT
MIN.
TYP.
MAX.
Frequency range
FO
MHz
3.579545
-
66.000
Frequency tolerance
ΔF/FO
At 25 °C
ppm
-30
-
+30
Temperature stability
TC
Ref. to 25 °C
ppm
-50
-
+50
Operating temperature range
TOPR
°C
-10
-
+70
Storage temperature range
TSTG
°C
-55
-
+125
Shunt capacitance
C0
pF
-
-
7
Load capacitance
CL
Customer specified
pF
10
-
Series
Insulation resistance
IR
100 VDC
M
Ω
500
-
-
Drive level
DL
μW
-
100
500
Aging
Fa
At 25 °C, per year
ppm
-5
-
+5
EQUIVALENT SERIES RESISTANCE (ESR) AND MODE OF VIBRATION (MODE)
FREQUENCY RANGE (MHz)
MAX. ESR (Ω)
MODE
FREQUENCY RANGE (MHz)
MAX. ESR (Ω)MODE
3.579 to 3.999
200
Fundamental/AT
10.000 to 13.999
80
Fundamental/AT
4.000 to 4.999
150
Fundamental/AT
14.000 to 39.999
50
Fundamental/AT
5.000 to 5.999
120
Fundamental/AT
40.000 to 66.999
80
3rd overtone
6.000 to 9.999
100
Fundamental/AT
DIMENSIONS in inches [millimeters]
0.403 [10.24] max.
0.150 [3.8]
max.
0.150 [3.8] max.
Solder Pattern
0.376 [9.55]
0.219 [5.55]
0.081
[2.05]
Insulation Base
Crystal Lead
0.185 ± 0.012
[4.7 ± 0.3]
0.484 ± 0.024
[12.3 ± 0.6]
0.437 + 0.020/- 0.031
[11.1 + 0.50/- 0.80]
0.201 ± 0.020
[5.1 ± 0.5]
0.031 ± 0.012
[0.8 ± 0.3]
Crystal Unit
0.008 [0.2]
max.
0.177 [4.5]
max.
0.012 [0.3]
max.


Similar Part No. - XT49M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT49M VISHAY-XT49M Datasheet
169Kb / 1P
Low Profile SMD Type Crystal Units
19-Mar-10
XT49M VISHAY-XT49M Datasheet
103Kb / 3P
Low Profile SMD Type Crystal Units
18-Oct-07
XT49M VISHAY-XT49M Datasheet
108Kb / 3P
Low Profile SMD Type Crystal Units
19-Mar-10
XT49M-2020ME2 VISHAY-XT49M-2020ME2 Datasheet
103Kb / 3P
Low Profile SMD Type Crystal Units
18-Oct-07
XT49M-2020ME2 VISHAY-XT49M-2020ME2 Datasheet
108Kb / 3P
Low Profile SMD Type Crystal Units
19-Mar-10
More results

Similar Description - XT49M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT49M VISHAY-XT49M Datasheet
169Kb / 1P
Low Profile SMD Type Crystal Units
19-Mar-10
logo
List of Unclassifed Man...
HC-49SM ETC1-HC-49SM Datasheet
50Kb / 1P
LOW PROFILE SMD RYPE CRYSTAL UNITS
logo
Vishay Siliconix
XT49S VISHAY-XT49S Datasheet
97Kb / 1P
Low Profile Holder Type Crystal Units
25-Aug-05
XT49SL VISHAY-XT49SL Datasheet
90Kb / 3P
Low Profile Holder Type Crystal Units
18-Oct-07
XT49M VISHAY-XT49M_07 Datasheet
103Kb / 3P
Low Profile SMD Type Crystal Units
18-Oct-07
XT49ML VISHAY-XT49ML Datasheet
102Kb / 3P
Low Profile SMD Type Crystal Units
18-Oct-07
XT49M VISHAY-XT49M_10 Datasheet
108Kb / 3P
Low Profile SMD Type Crystal Units
19-Mar-10
XT49M VISHAY-XT49M_13 Datasheet
109Kb / 3P
Low Profile SMD Type Crystal Units
19-Mar-10
XT49S VISHAY-XT49S_13 Datasheet
73Kb / 3P
Low Profile Holder Type Crystal Units
19-Mar-10
logo
Shenzhen Luguang Electr...
HC-49S LUGUANG-HC-49S Datasheet
440Kb / 2P
Low Profile Holder Type Crystal Units
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com