Electronic Components Datasheet Search
  English  ▼

X  

HS3101 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HS3101
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3101 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HS3101 Datasheet HTML 6Page - Renesas Technology Corp HS3101 Datasheet HTML 7Page - Renesas Technology Corp HS3101 Datasheet HTML 8Page - Renesas Technology Corp HS3101 Datasheet HTML 9Page - Renesas Technology Corp HS3101 Datasheet HTML 10Page - Renesas Technology Corp HS3101 Datasheet HTML 11Page - Renesas Technology Corp HS3101 Datasheet HTML 12Page - Renesas Technology Corp HS3101 Datasheet HTML 13Page - Renesas Technology Corp HS3101 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HS310x Datasheet
R36DS0011EU0120
Rev.1.2
Aug 10, 2021
Page 10
4.
Sensor Interface
The HS310x series sensor uses a digital I2C-compatible communication protocol. To accommodate multiple
devices, the protocol uses two bi-directional open-drain lines: the Serial Data Line (SDA) and the Serial Clock
Line (SCL). Pull-up resistors to VDD are required. Several slave devices can share the bus; however, only one
master device can be present on the line.
4.1
I2C Features and Timing
The HS310x series sensor operates as a slave device on the I2C bus with support for 100kHz and 400kHz bit
rates. Each transmission is initiated when the master sends a 0 START bit (S), and the transmission is
terminated when the master sends a 1 STOP bit (P). These bits are only transmitted while the SCL line is HIGH.
tBUS
tHDSTA
tSUDAT
tLOW
SDA
SCL
tHDSTA
tSUSTO
tSUSTA
tHIGH
tHDDAT
Figure 13. Timing Diagram
Table 1. I2C Timing Parameters
Parameter
Symbol
Minimum
Typical
Maximum
Units
SCL Clock Frequency[1]
fSCL
20
400
kHz
START Condition Hold Time Relative to SCL Edge
tHDSTA
0.1
µs
Minimum SCL Clock LOW Width[b]
tLOW
0.6
µs
Minimum SCL Clock HIGH Width[b]
tHIGH
0.6
µs
START Condition Setup Time Relative to SCL Edge
tSUSTA
0.1
µs
Data Hold Time on SDA Relative to SCL Edge
tHDDAT
0
0.5
µs
Data Setup Time on SDA Relative to SCL Edge
tSUDAT
0.1
µs
STOP Condition Setup Time on SCL
tSUSTO
0.1
µs
Bus Free Time Between STOP Condition and START Condition
tBUS
1
µs
1.
The minimum frequency of 20kHz applies to test only; no minimum under normal operations.
2.
Combined LOW and HIGH widths must equal or exceed the minimum SCL period.
4.2
Sensor Slave Address
The HS310x series default I2C address is 44HEX. The device will respond only to this 7-bit address. For more
information, see the following section.
Custom I2C address can be provided upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com