Electronic Components Datasheet Search
  English  ▼

X  

HS3102 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HS3102
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3102 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HS3102 Datasheet HTML 13Page - Renesas Technology Corp HS3102 Datasheet HTML 14Page - Renesas Technology Corp HS3102 Datasheet HTML 15Page - Renesas Technology Corp HS3102 Datasheet HTML 16Page - Renesas Technology Corp HS3102 Datasheet HTML 17Page - Renesas Technology Corp HS3102 Datasheet HTML 18Page - Renesas Technology Corp HS3102 Datasheet HTML 19Page - Renesas Technology Corp HS3102 Datasheet HTML 20Page - Renesas Technology Corp HS3102 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
HS310x Datasheet
R36DS0011EU0120
Rev.1.2
Aug 10, 2021
Page 17
9.
PCB Layout Guide
When designing the PCB, undesired heat transfer paths to the HS310x series must be minimized. Excessive
heat from other components on the PCB will result in inaccurate temperature and relative humidity
measurements. As such, solid metal planes for power supplies should be avoided in the vicinity of the sensor
since these will act as thermal conductors. To further reduce the heat transfer from other components on the
board, openings can be milled into the PCB as shown in the following figure.
Figure 20. Milled PCB Openings for Thermal Isolation
10. Storage and Handling
Renesas recommends that once the sensors are removed from their original packaging, store them in metal-in
antistatic bags.
Avoid using polyethylene antistatic bags as they may affect sensor accuracy.
The nominal storage conditions are 10 to 50°C and humidity levels within 20% to 60%RH. If stored outside of
these conditions for extended periods of time, the sensor readings may exhibit an offset. The sensor can be
reconditioned and brought back to its calibration state by applying the following procedure:
1.
Bake at a temperature of 100°C with a humidity < 10%RH for 10 to 12 hours.
2.
Rehydrate the sensor at a humidity of 75%RH and a temperature between 20 to 30°C for 12 to 14 hours.
11. Quality and Reliability
The HS310x series is available as a qualified product for consumer and industrial market applications. All data
specified parameters are guaranteed if not stated otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com