Electronic Components Datasheet Search
  English  ▼

X  

HS4101 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HS4101
Description  High Performance Relative Humidity and Temperature Sensor with Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4101 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HS4101 Datasheet HTML 2Page - Renesas Technology Corp HS4101 Datasheet HTML 3Page - Renesas Technology Corp HS4101 Datasheet HTML 4Page - Renesas Technology Corp HS4101 Datasheet HTML 5Page - Renesas Technology Corp HS4101 Datasheet HTML 6Page - Renesas Technology Corp HS4101 Datasheet HTML 7Page - Renesas Technology Corp HS4101 Datasheet HTML 8Page - Renesas Technology Corp HS4101 Datasheet HTML 9Page - Renesas Technology Corp HS4101 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HS410x Datasheet
R36DS0024EU0102 Rev.1.02
Apr 28, 2022
Page 6
3.
Humidity and Temperature Sensor Performance
3.1
Humidity Sensor Specifications
Table 1. Humidity Sensor Specifications, TA = +25°C, VDD = 1.71V to 3.6V
Parameter
Condition
Minimum
Typical
Maximum
Unit
Range
-
0
-
100
%RH
Accuracy [1][2]
HS4101
10% to 90%RH
-
±1.5
±1.8
%RH
HS4102
-
±1.8
±2.0
HS4103
20% to 80%RH
-
±2.5
±3.5
HS4104
-
±3.5
±4.5
Resolution
14- bit
-
0.04
0.05
%RH
Hysteresis
-
-
-
±1.0
%RH
Non-Linearity from Response Curve
HS4101
10% to 90%RH
-
±0.15
±0.25
%RH
HS4102
HS4103
20% to 80%RH
HS4104
Long-Term Stability
-
-
±0.1
±0.25
%RH/Yr
Response Time Constant [3] (
τ
H)
20% to 80% RH Still Air
3.0
4.0
6.0
sec
1.
Monotonic increases from 10 to 90% RH after sensor has been stabilized at 50% RH.
2.
Refer to section 3.3 for additional details.
3.
Initial value to 63% of total variation. Response time depend on system airflow.
3.2
Temperature Sensor Specifications
Table 2. Temperature Sensor Specifications, TA = +25°C, VDD = 1.71V to 3.6V
Parameter
Condition
Minimum
Typical
Maximum
Unit
Range
-
-40
-
105
°C
Accuracy [1]
HS4101
-10°C to 80°C
-
±0.2
±0.3
°C
HS4102
HS4103
0°C to 70°C
-
±0.25
±0.35
HS4104
-
±0.3
±0.5
Resolution
-
-
0.01
0.02
°C
Response Time Constant [2] (
τ
T)
-
-
>2.0
-
Sec.
Long-Term Stability
-
-
-
0.03
°C/Yr
Supply Voltage Dependency [ 3 ]
-
-
0.03
0.1
°C/V
1.
Refer to section 3.4 for additional details.
2.
Initial value to 63% of total variation. Response time depends on system thermal mass and air flow.
3.
Temperature accuracy can be optimized for specified supply voltages upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com