Electronic Components Datasheet Search
  English  ▼

X  

HS3104 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HS3104
Description  High Performance Relative Humidity and Temperature Sensor with Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3104 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HS3104 Datasheet HTML 7Page - Renesas Technology Corp HS3104 Datasheet HTML 8Page - Renesas Technology Corp HS3104 Datasheet HTML 9Page - Renesas Technology Corp HS3104 Datasheet HTML 10Page - Renesas Technology Corp HS3104 Datasheet HTML 11Page - Renesas Technology Corp HS3104 Datasheet HTML 12Page - Renesas Technology Corp HS3104 Datasheet HTML 13Page - Renesas Technology Corp HS3104 Datasheet HTML 14Page - Renesas Technology Corp HS3104 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
HS400x Datasheet
R36DS0022EU0103 Rev.1.03
Jun 6, 2022
Page 11
4.4
Measurements and Commands
There are two types of measurement commands:
1.
Hold measurement commands: The HS400x series sensor holds the SCL line low during the measurement
and releases the SCL line when the measurement is complete. This lets the master know exactly when the
measurement has finished. Using this mode will prevent the master from communicating with any other
slave until the measurement is complete. Note that the minimum frequency for the SCL clock in this mode is
200kHz.
2.
No-hold measurement commands: The HS400x series sensor does not hold the SCL line low, and the
master is free to initiate communication with other slaves while the chip is performing the measurement. To
obtain the measurement data, the master must request the result from the chip after the expected
conversion time which depends on the measurement resolution as summarized in section 4.4.4. There is no
minimum clock frequency when in this mode.
4.4.1.
Performing a Hold Measurement
A hold measurement sequence consists of the following steps, as illustrated in Figure 14.
1.
Wake up the HS400x series sensor from sleep mode by sending its I2C address with a write bit, and initiate
a measurement by sending the desired hold measurement command.
2.
Change the direction of communication by sending a start bit, the HS400x I2C address, and a read bit. The
SCL line is held low by the sensor during the measurement process, which prevents the master from
initiating any communications with other slaves on the bus.
3.
Once the requested measurement is completed by the HS400x series sensor, the SCL line is released and
the chip waits for the SCL clock signal to send the results. The sensor will then transmit the requested
measurement data on the bus for the master to capture.
Figure 14. Typical Hold Measurement Sequence for a Humidity and Temperature Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com