Electronic Components Datasheet Search
  English  ▼

X  

1B21 Datasheet(PDF) 6 Page - Analog Devices

Part # 1B21
Description  Isolated, Loop-Powered Voltage-to-Current Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1B21 Datasheet(HTML) 6 Page - Analog Devices

  1B21 Datasheet HTML 1Page - Analog Devices 1B21 Datasheet HTML 2Page - Analog Devices 1B21 Datasheet HTML 3Page - Analog Devices 1B21 Datasheet HTML 4Page - Analog Devices 1B21 Datasheet HTML 5Page - Analog Devices 1B21 Datasheet HTML 6Page - Analog Devices 1B21 Datasheet HTML 7Page - Analog Devices 1B21 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1B21
Rev. C | Page 6 of 8
TC Considerations of External Resistors
The specifications for gain and offset temperature coefficient
(TC) for the IB21 excluded the effects of external components.
The total gain TC for the circuit in Figure 4 is
Gain TC = 1B21 Gain TC + (Tracking TC of RF and RI)
The offset TC is also affected by the thermal stability of the
internal voltage reference and its contribution is
Ref TC = (VREF)(RF/RO)(4 mA/V)(TC of VREF +
Tracking TC of RF and RO)/1 × 106
Total Offset TC = 1B21 Offset TC + Ref TC
Specifically using RF, RI and RO from Case 3 in Table 2, with
absolute TCs of ±25 ppm/°C
Gain TC = 50 + (25 + 25) = 100 ppm/°C
Offset TC = 300 + (6.225 V)(20k/124.3 k)(4 mA/V)
(20 + 25 + 25)/1 × 106 = ±580 nA/°C
Similarly, when using a resistor network with a tracking spec
of ±5 ppm/°C, the total gain TC is ±55 ppm/°C and the total
offset TC is ±400 nA/°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com