Electronic Components Datasheet Search
  English  ▼

X  

AD7306 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7306
Description  5 V Powered RS-232/RS-422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7306 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7306 Datasheet HTML 2Page - Analog Devices AD7306 Datasheet HTML 3Page - Analog Devices AD7306 Datasheet HTML 4Page - Analog Devices AD7306 Datasheet HTML 5Page - Analog Devices AD7306 Datasheet HTML 6Page - Analog Devices AD7306 Datasheet HTML 7Page - Analog Devices AD7306 Datasheet HTML 8Page - Analog Devices AD7306 Datasheet HTML 9Page - Analog Devices AD7306 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AD7306
–8–
REV. D
Single-Ended Data Transmission
Single-ended interfaces are used for low speed, short distance
communications such as from a computer terminal to a printer.
A single line is used to carry the signal. Various standards have
been developed to standardize the communication link, the most
popular of these being the RS-232. The RS-232 standard was
introduced in 1962 by the EIA and has been widely used
throughout the industry. The standard has been revised several
times, and the current revision is known as EIA-232E. The
RS-232 standard is suitable for single-ended data transmission
at relatively slow data rates over short distances. A typical
RS-232 interface is shown in Figure 14.
RS-232 CHANNEL
DATA
IN
DATA
OUT
RX
TX
Figure 14. Single-Ended RS-232 Interface
Differential Data Transmission
When transmitting at high data rates, over long distances and
through noisy environments, single-ended data transmission is
often inadequate. In this type of application, differential data
transmission offers superior performance. Differential transmis-
sion uses two signal lines to transmit data. It rejects ground
shifts and is insensitive to noise signals which appear as com-
mon mode voltages on the transmission lines. To accommodate
faster data communication, the differential RS-422 standard was
developed. Therefore, it can be used to reliably transmit data at
higher speeds and over longer distances than single-ended trans-
mission. A typical RS-422 interface is shown in Figure 15.
RS-422 CHANNEL
DATA
IN
DATA
OUT
RX
TX
Figure 15. Differential RS-422 Interface
Table I. Comparison of RS-232 and RS-422 Interface Standards
Specification
EIA-232E
RS-422
Transmission Type
Single-Ended
Differential
Maximum Data Rate
20 kB/s
10 MB/s
Maximum Cable Length
Load Dependent
4000 ft.
Minimum Driver Output Voltage
±5 V
±1.5 V
Slew Rate
30 V/
µs max
Receiver Input Resistance
3 k
Ω to 7 kΩ
4 k
Ω min
Receiver Input Sensitivity
±3 V
±200 mV
Receiver Input Voltage Range
±15 V
±7 V
No. of Drivers per Line
1
1
No. of Receivers per Line
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com