Electronic Components Datasheet Search
  English  ▼

X  

AD7306JRZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7306JRZ
Description  5 V Powered RS-232/RS-422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7306JRZ Datasheet(HTML) 3 Page - Analog Devices

  AD7306JRZ Datasheet HTML 1Page - Analog Devices AD7306JRZ Datasheet HTML 2Page - Analog Devices AD7306JRZ Datasheet HTML 3Page - Analog Devices AD7306JRZ Datasheet HTML 4Page - Analog Devices AD7306JRZ Datasheet HTML 5Page - Analog Devices AD7306JRZ Datasheet HTML 6Page - Analog Devices AD7306JRZ Datasheet HTML 7Page - Analog Devices AD7306JRZ Datasheet HTML 8Page - Analog Devices AD7306JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AD7306
REV. D
–3–
Parameter
Typ
Max
Units
Test Conditions/Comments
RS-422 Driver
Propagation Delay Input to Output TPLH, TPHL
35
100
ns
RL Diff = 100
Ω. C
L1 = CL2 = 100 pF, Figures 2 & 4
RS-422 O/P to O/P TSKEW
210
ns
RL Diff = 100 Ω. CL1 = CL2 = 100 pF, Figures 2 & 4
Driver Rise/Fall Time TR, TF
15
40
ns
RL Diff = 100
Ω. C
L1 = CL2 = 100 pF, Figures 2 & 4
RS-422 Receiver
Propagation Delay Input to Output TPLH, TPHL
70
200
ns
CL = 15 pF. Figure 5
RS-232/RS-422 Enable
RS-232 Disable to RS-422 Enable TEN1
70
200
ns
Figure 6
RS-422 Disable to RS-232 Enable TEN2
70
200
ns
Figure 6
Transmission Rate (RS-422)
5
MHz
RS-232 Receiver
Propagation Delay Input to Output
1000
ns
Transmission Rate (RS-232)
100
kHz
CL = 50 pF
20
kHz
CL = 2.5 nF
TIMING SPECIFICATIONS
(VCC = +5 V
5%, C1 = C2 = C3 = C4 = 0.1
F. All specifications TMIN to TMAX
unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . (VCC –0.3 V) to +13.2 V
V– . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –13.2 V
Inputs
T1IN, T2IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V– to V+
T3IN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to V+
R1IN A/B, R2IN . . . . . . . . . . . . . . . . . . . . . . . –25 V to +25 V
232/422 SEL . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to V+
Outputs
T1OUT, T2OUT . . . . . . . . . . . . . . . . . . . . . . . –15 V to +15 V
T3OUT(A), (B) . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
R1OUT, R2OUT . . . . . . . . . . . . . . . . –0.3 V to (VCC + 0.3 V)
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Power Dissipation
Small Outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 650 mW
DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 650 mW
Operating Temperature Range
Commercial (J Version) . . . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods of time may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7306 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com