Electronic Components Datasheet Search
  English  ▼

X  

DTC114EB3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTC114EB3
Description  NPN Digital Transistors (Built-in Resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC114EB3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTC114EB3 Datasheet HTML 1Page - Cystech Electonics Corp. DTC114EB3 Datasheet HTML 2Page - Cystech Electonics Corp. DTC114EB3 Datasheet HTML 3Page - Cystech Electonics Corp. DTC114EB3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C351B3
Issued Date : 2003.08.20
Revised Date :
Page No. : 2/4
DTC114EB3
CYStek Product Specification
Electrical Characteristics (Ta=25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VI(off)
-
-
0.5
V
VCC=5V, IO=100µA
Input Voltage
VI(on)
3
-
-
V
VO=0.3V, IO=10mA
Output Voltage
VO(on)
-
-
0.3
V
IO/II=10mA/0.5mA
Input Current
II
-
-
0.88
mA
VI=5V
Output Current
IO(off)
-
-
0.5
µA
VCC=50V, VI=0V
DC Current Gain
GI
30
-
-
-
VO=5V, IO=5mA
Input Resistance
R1
7
10
13
k
Ω
-
Resistance Ratio
R2/R1
0.8
1
1.2
-
-
Transition Frequency
fT
-
250
-
MHz
VCE=10V, IC=5mA, f=100MHz *
* Transition frequency of the device



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com