Electronic Components Datasheet Search
  English  ▼

X  

ADP5587 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5587
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5587 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5587 Datasheet HTML 16Page - Analog Devices ADP5587 Datasheet HTML 17Page - Analog Devices ADP5587 Datasheet HTML 18Page - Analog Devices ADP5587 Datasheet HTML 19Page - Analog Devices ADP5587 Datasheet HTML 20Page - Analog Devices ADP5587 Datasheet HTML 21Page - Analog Devices ADP5587 Datasheet HTML 22Page - Analog Devices ADP5587 Datasheet HTML 23Page - Analog Devices ADP5587 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADP5587
Rev. E | Page 23 of 24
OUTLINE DIMENSIONS
0.30
0.25
0.20
0.80
0.75
0.70
0.20 MIN
2.20
2.10 SQ
2.00
0.50
BSC
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD-8
BOTTOM VIEW
TOP VIEW
SIDE VIEW
4.10
4.00 SQ
3.90
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
PIN 1
IN D ICATO R AR E A OP TIO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
PIN 1
INDICATOR
AREA
SEATING
PLANE
Figure 21. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-24-10)
Dimensions shown in millimeters
0.022
REF
A
B
C
D
E
0.645
0.600
0.555
SIDE VIEW
0.230
0.200
0.170
0.287
0.267
0.247
COPLANARITY
0.05
SEATING
PLANE
1
2
3
4
5
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
BALL A1
IDENTIFIER
0.40
BSC
1.60
REF
2.010
1.970 SQ
1.930
0.395
0.375
0.355
Figure 22. 25-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-25-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
I2C Write Address
Package Description
Package Option
Write
Read
ADP5587ACPZ-R7
−40°C to +85°C
0x68
0x69
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-10
ADP5587ACPZ-1-R7
−40°C to +85°C
0x60
0x61
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-10
ADP5587ACBZ-R7
−40°C to +85°C
0x68
0x69
25-Ball Wafer Level Chip Scale Package [WLCSP]
CB-25-4
ADP5587CP-EVALZ
0x68
0x69
Evaluation Board [LFCSP]
ADP5587CB-EVALZ
0x68
0x69
Evaluation Board [WLCSP]
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com