Electronic Components Datasheet Search
  English  ▼

X  

LS22 Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # LS22
Description  SCHOTTKY BARRIE R RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

LS22 Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  LS22 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. LS22 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
2. Thermal resistance from junction to ambient.
SCHOTTKY BARRIER RECTIFIER
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
LS22 --- LS220
VOLTAGE RANGE: 20 --- 200 V
CURRENT: 2.0 A
1.
SAMYANG ELECTRONICS
SAM YANG
MiniMELF(DO-213AA)
Dimensions in inches and (millimeters)
MiniMELF(DO-213AA)
0.018(0.45)
0.010(0.25)
0.144(3.65)
0.136(3.45)
D2=D1
SOLDERABLE ENDS
1st BAND
D2
+0
-0.008(0.203)
D1=
0.067(1.7)
0.059(1.5)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Built-in strain relief
For surface mounted applications
Low profile package
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
High surge capability
For use in low voltage ,high frequency inverters, free wheeling ,
and polarity protection applications
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2002 95 EC and
WEEE 2002 96 EC
/
/
/
/
Case
Terminals
Polarity
Weight
: JEDEC Mini MELF(DO-213AA) molded plastic body
: Solder Plated, solderable per MIL-STD-750,method 2026
: Color band denotes cathode end
Any
: 0.0005ounce, 0.015 gram
Mounting Position
:
Maximum repetitive peak reverse voltage
VRRM
Volts
Volts
Volts
m
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
TJ
R JA
R JL
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified
current (See Fig. 1)
Maximum instantaneous forward voltage
at 2.0 A(note 1 )
T =25 C
T =100 C
A
A
Typical thermal resistance (Note 2)
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
2.0
50.0
-65 to+150
-65 to+150
0 2
.
10.0
0.55
0.85
C/W
C
C
Volts
75.0
30.0
0.75
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
57
80
100
71
100
150
105
150
200
140
200
LS
22
LS
23
LS
24
LS
25
LS
26
LS
28
LS
2A0
LS
215
LS
220
0.95
0.90
Volts
Symbols


Similar Part No. - LS22

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
LS22 JINGHENG-LS22 Datasheet
74Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
LS220 JINGHENG-LS220 Datasheet
74Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
LS22A FRONTIER-LS22A Datasheet
174Kb / 2P
2A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
CITIZEN ELECTRONICS CO....
LS22AA-1FG CITIZEN-LS22AA-1FG Datasheet
482Kb / 2P
Illuminated Type
LS22AA-1FGT CITIZEN-LS22AA-1FGT Datasheet
482Kb / 2P
Illuminated Type
More results

Similar Description - LS22

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
LL5817 SAMYANG-LL5817 Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS56SLS SAMYANG-SS56SLS Datasheet
1Mb / 3P
SCHOTTKY BARRIE R RECTIFIER
SM5817 SAMYANG-SM5817 Datasheet
802Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS32AF SAMYANG-SS32AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS32T SAMYANG-SS32T Datasheet
956Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54AF SAMYANG-SS54AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54BF SAMYANG-SS54BF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54L SAMYANG-SS54L Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54T SAMYANG-SS54T Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS56AF SAMYANG-SS56AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com