Electronic Components Datasheet Search
  English  ▼

X  

AMC23C14 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AMC23C14
Description  AMC23C14 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C14 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AMC23C14 Datasheet HTML 28Page - Texas Instruments AMC23C14 Datasheet HTML 29Page - Texas Instruments AMC23C14 Datasheet HTML 30Page - Texas Instruments AMC23C14 Datasheet HTML 31Page - Texas Instruments AMC23C14 Datasheet HTML 32Page - Texas Instruments AMC23C14 Datasheet HTML 33Page - Texas Instruments AMC23C14 Datasheet HTML 34Page - Texas Instruments AMC23C14 Datasheet HTML 35Page - Texas Instruments AMC23C14 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
8.2.2 Overvoltage and Undervoltage Detection
Industrial I/O modules are frequently powered by external field supplies with a nominal voltage of 24 V and a
tolerance of –15% to +20%. In safety-critical applications, the controller-side may need to know whether the
voltage is in the valid range for correct operation or not. Figure 8-2 shows the AMC23C14 in an application
that monitors a 24-V supply on the high-side and signals undervoltage and overvoltage conditions to the
programmable logic controller (PLC) on the low-side.
The voltage divider R5 and R6 is sized to trip the fixed internal 300-mV threshold when the power supply
exceeds the minimum valid operating voltage of 20.4 V (24 V – 15%). In a second step, R1 (connected to the
REF pin) is sized to trip the adjustable-threshold comparator when the power supply exceeds 28.8 V (24 V +
20%). The AMC23C14 is powered from the field supply and is protected against voltages greater than 30 V by a
Zener diode (Z1) and shunt resistor R4.
When the power supply is below 20.4 V, both outputs of the AMC23C14 are in a Hi-Z state. Between 20.4 V and
28.8 V, OUT1 is in a Hi-Z state and OUT2 is actively pulled low. Both outputs are pulled low, as shown in Figure
8-3, when the power supply is above 28.8 V.
to PLC
Low-side supply (2.7..5.5 V)
R6
3.52 k
VDD1
GND1
IN
REF
AMC23C14
VDD2
OUT2
OUT1
GND2
24 V field supply
C5
100 nF
C1
100 nF
C2
1 µF
R1
4.17 k
C3
100 nF
C4
1 µF
R2
4.7 k
R3
4.7 k
to PLC
R5
237 k
R4
1 k
Z1
27 V
+
–
C6
1 nF
Figure 8-2. Using the AMC23C14 for Overvoltage and Undervoltage Detection
Supply
Voltage
OUT2
28.8 V
20.5 V
28.5 V
OUT1
20.8 V
Undervoltage
Normal
Overvoltage
Undervoltage
Off
Normal
Off
Valid Supply Range
Figure 8-3. Output of the AMC23C14 in Supply Voltage Supervisor Application
AMC23C14
SBAS945A – FEBRUARY 2022 – REVISED JULY 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC23C14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com