Electronic Components Datasheet Search
  English  ▼

X  

OPA818 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA818
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA818 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA818 Datasheet HTML 2Page - Texas Instruments OPA818 Datasheet HTML 3Page - Texas Instruments OPA818 Datasheet HTML 4Page - Texas Instruments OPA818 Datasheet HTML 5Page - Texas Instruments OPA818 Datasheet HTML 6Page - Texas Instruments OPA818 Datasheet HTML 7Page - Texas Instruments OPA818 Datasheet HTML 8Page - Texas Instruments OPA818 Datasheet HTML 9Page - Texas Instruments OPA818 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
7.5 Electrical Characteristics: VS = ±5 V (continued)
At G = 1 V/V, RF = 0 Ω for G = 1 V/V, RF = 250 Ω for other gains, RL = 100 Ω referenced to mid-supply, input and output
referenced to mid-supply, and TA ≅ 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Most positive input voltage(1)
2.1
2.7
V
TA = –40°C to +85°C
2.0
TA = –40°C to +105°C
2.0
Most negative input voltage(1)
-3.9
-3.5
V
TA = –40°C to +85°C
-3.4
TA = –40°C to +105°C
-3.4
CMRR
Common-mode rejection ratio
VCM = ±0.5 V
92
110
dB
TA = –40°C to 85°C
91
TA = –40°C to 105°C
90
Input impedance common-mode
60 || 2.9
GΩ || pF
Input capacitance differential mode
0.1
pF
OUTPUT
VOL
Output voltage, low
no-load
-3.9
-3.6
V
RL = 100 Ω
-3.7
-3.4
TA = –40°C to +85°C
-3.3
TA = –40°C to +105°C
-3.2
VOH
Output voltage, high
no-load
3.7
3.9
V
RL = 100 Ω
3.4
3.7
TA = –40°C to +85°C
3.3
TA = –40°C to +105°C,
3.2
Linear output drive (sourcing/sinking)
VOUT = ±1 V, ΔVOS < 2 mV
±58
80
mA
TA = –40 to 85°C, ΔVOS < 3 mV
±40
TA = –40 to 105°C, ΔVOS < 3 mV
±35
Short-circuit current
100
mA
ZO
Closed loop output Impedance
f = 100 kHz
0.04
Ω
POWER SUPPLY
IQ
Quiescent current
23.5
24.2
mA
TA = –40°C to +85°C
24.4
TA = –40°C to +105°C
24.5
PSRR+
Power-supply rejection ratio
ΔVS+ = ±0.5 V
81
100
dB
TA = –40°C to +85°C
77
TA = –40°C to +105°C
76
PSRR-
Power-supply rejection ratio
ΔVS- = ±0.5 V,
81
100
dB
TA = –40°C to +85°C
77
TA = –40°C to +105°C
76
OPA817
SBOS847 – JULY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com