Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA657 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 11Page - Texas Instruments OPA657 Datasheet HTML 12Page - Texas Instruments OPA657 Datasheet HTML 13Page - Texas Instruments OPA657 Datasheet HTML 14Page - Texas Instruments OPA657 Datasheet HTML 15Page - Texas Instruments OPA657 Datasheet HTML 16Page - Texas Instruments OPA657 Datasheet HTML 17Page - Texas Instruments OPA657 Datasheet HTML 18Page - Texas Instruments OPA657 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Figure 9-5 shows the simulated closed-loop bandwidth response of the circuit in Figure 9-4. The circuit was
designed for f–3 dB = 28 MHz and the simulated closed-loop 3-dB frequency is 26.5 MHz. Figure 9-6 shows the
noise simulation of the TIA circuit. The output-referred voltage noise is shown on the Y-axis to the left, and the
input-referred current noise (which is essentially output-referred voltage noise divided by the transimpedance
gain of 10 kΩ) is shown on the secondary Y-axis to the right.
The flat-band output voltage noise is 13.5 nV/√Hz and is equivalent to 1.35 pA/√Hz of input-referred current
noise. The noise in the relatively low frequency region, where the noise gain of the amplifier is 1 V/V, is
dominated by the thermal noise of the 10 kΩ resistor (12.9 nV/√Hz at 27°C). At mid frequencies beyond the
zero (formed by RF and CTOT), the noise gain of the amplifier amplifies the voltage noise of the amplifier. The
amplifier's noise starts to become the dominant noise contributor from this frequency onwards before the output
noise starts to roll off at frequencies beyond the 3-dB closed-loop bandwidth. When considering integrated
root-mean-square (RMS) noise, the mid-frequency noise will be a significant contributor; hence, using a 4.5
nV/√Hz low-noise amplifier like OPA817 is advantageous to minimize total RMS noise in the system.
9.2.4 Application Curves
Frequency (Hz)
59
62
65
68
71
74
77
80
83
86
89
100k
1M
10M
100M
D103
Figure 9-5. Closed-Loop Bandwidth of TIA
Frequency (Hz)
10
1
20
2
30
3
50
5
70
7
100
10
200
20
300
30
500
50
700
70
1000
100
10
100
1k
10k
100k
1M
10M
100M
D104
Figure 9-6. Noise Density vs Frequency of TIA
10 Power Supply Recommendations
The OPA817 is intended to operate on supplies ranging from 6 V to 12.6 V. OPA817 supports single-supply,
split, balanced, and unbalanced bipolar supplies. When operating at supplies below 8 V, consideration must be
given to the input common-mode range of the amplifier. Under these supply conditions, the common-mode must
be biased appropriately for linear operation. Thus, the limit to lower supply voltage operation is the usable input
voltage range for the JFET-input stage.
11 Layout
11.1 Layout Guidelines
Achieving optimum performance with a high-frequency amplifier like the OPA817 requires careful attention to
board layout parasitics and external component types. Recommendations that will optimize performance include
the following:
1. Minimize parasitic capacitance to any ac ground for all of the signal I/O pins. Parasitic capacitance on
the output and inverting input pins can cause instability. On the noninverting input, parasitic capacitance can
react with the source impedance to cause unintentional bandlimiting. Ground and power metal planes act as
one of the plates of a capacitor while the signal trace metal acts as the other separated by PCB dielectric.
To reduce this unwanted capacitance, care must be taken to minimize the routing of the feedback network. A
plane cutout around and underneath the inverting input pin on all ground and power planes is recommended.
Otherwise, ground and power planes should be unbroken elsewhere on the board.
www.ti.com
OPA817
SBOS847 – JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com