Electronic Components Datasheet Search
  English  ▼

X  

CM1213 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1213
Description  1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1213 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1213 Datasheet HTML 1Page - California Micro Devices Corp CM1213 Datasheet HTML 2Page - California Micro Devices Corp CM1213 Datasheet HTML 3Page - California Micro Devices Corp CM1213 Datasheet HTML 4Page - California Micro Devices Corp CM1213 Datasheet HTML 5Page - California Micro Devices Corp CM1213 Datasheet HTML 6Page - California Micro Devices Corp CM1213 Datasheet HTML 7Page - California Micro Devices Corp CM1213 Datasheet HTML 8Page - California Micro Devices Corp CM1213 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
●
Tel: 408.263.3214
●
Fax: 408.263.7846
●
www.cmd.com 03/02/06
CM1213
Pin Discriptions
8-Lead SOIC-8
1
2
3
4
8
7
6
5
CH1
CH2
VN
CH3
CH6
VP
CH5
CH4
Top View
10-Lead MSOP-10
1
2
3
4
10
9
8
7
CH1
NC
VP
CH2
NC
CH4
VN
NC
Top View
56
NC
CH3
PACKAGE / PINOUT DIAGRAMS
Note: These drawings are not to scale.
3-Lead SOT23-3
CH1
VP
VN
1
2
3
Top View
4-Lead SOT143-4
1
4
2
3
Top View
VN
CH1
VP
CH2
5-Lead SOT23-5
1
2
5
3
4
Top View
6-Lead SOT23-6
1
2
6
5
3
4
Top View
CH1
VN
CH2
CH4
VP
CH3
NC
VN
CH1
VP
CH2
8-Lead MSOP-8
1
2
3
4
8
7
6
5
CH1
CH2
VN
CH3
CH6
VP
CH5
CH4
Top View
10-Lead MSOP-10
1
2
3
4
10
9
8
7
CH1
CH2
CH3
CH4
CH8
CH7
VP
CH6
Top View
56
VN
CH5
10-Lead MSOP-10
1
2
3
4
10
9
8
7
CH1
CH2
VN
CH3
NC
NC
VP
NC
Top View
56
CH4
NC
1-CHANNEL, 3-LEAD SOT23-3 PACKAGES
2-CHANNEL, 4-LEAD SOT143-4 PACKAGE
PIN
NAME
TYPE
DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
CH1
I/O
ESD Channel
1
VN
GND
Negative voltage supply rail
2
VP
PWR
Positive voltage supply rail
2
CH1
I/O
ESD Channel
3
VN
GND
Negative voltage supply rail
3
CH2
I/O
ESD Channel
4
VP
PWR
Positive voltage supply rail
4-CHANNEL, 6-LEAD SOT23-6 PACKAGE
PIN
NAME
TYPE
DESCRIPTION
2-CHANNEL, 5-LEAD SOT23-5 PACKAGE
1
CH1
I/O
ESD Channel
PIN
NAME
TYPE
DESCRIPTION
2
VN
GND
Negative voltage supply rail
1
NC
No Connect
3
CH2
I/O
ESD Channel
2
VN
GND
Negative voltage supply rail
4
CH3
I/O
ESD Channel
3
CH1
I/O
ESD Channel
5
VP
PWR
Positive voltage supply rail
4
CH2
I/O
ESD Channel
6
CH4
I/O
ESD Channel
5
VP
PWR
Positive voltage supply rail
4-CHANNEL, 10-LEAD MSOP-10 PACKAGE (CM1213-04MS/MR)
6-CHANNEL, 8-LEAD MSOP-8/SOIC-8 PACKAGE
PIN
NAME
TYPE
DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
CH1
I/O
ESD Channel
1
CH1
I/O
ESD Channel
2
NC
No Connect
2
CH2
I/O
ESD Channel
3
VP
PWR
Positive voltage supply rail
3
VN
GND
Negative voltage supply rail
4
CH2
I/O
ESD Channel
4
CH3
I/O
ESD Channel
5
NC
No Connect
5
CH4
I/O
ESD Channel
6
CH3
I/O
ESD Channel
6
CH5
I/O
ESD Channel
7
NC
No Connect
7
VP
PWR
Positive voltage supply rail
8
VN
GND
Negative voltage supply rail
8
CH6
I/O
ESD Channel
9
CH4
I/O
ESD Channel
10
NC
No Connect
8-CHANNEL, 10-LEAD MSOP-10 PACKAGE (CM1213-08MS/MR)
PIN
NAME
TYPE
DESCRIPTION
4-CHANNEL, 10-LEAD MSOP-10 PACKAGE (CM1213-A4MR)
1
CH1
I/O
ESD Channel
PIN
NAME
TYPE
DESCRIPTION
2
CH2
I/O
ESD Channel
1
CH1
I/O
ESD Channel
3
CH3
I/O
ESD Channel
2
CH2
I/O
ESD Channel
4
CH4
I/O
ESD Channel
3
VN
GND
Negative voltage supply rail
5
VN
GND
Negative voltage supply rail
4
CH3
I/O
ESD Channel
6
CH5
I/O
ESD Channel
5
CH4
I/O
ESD Channel
7
CH6
I/O
ESD Channel
6
NC
No Connect
8
VP
PWR
Positive voltage supply rail
7
NC
No Connect
9
CH7
I/O
ESD Channel
8
VP
PWR
Positive voltage supply rail
10
CH8
I/O
ESD Channel
9
NC
No Connect
10
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com