Electronic Components Datasheet Search
  English  ▼

X  

KSF Datasheet(PDF) 2 Page - C&K Components

Part # KSF
Description  Soft Actuated Tact Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSF Datasheet(HTML) 2 Page - C&K Components

  KSF Datasheet HTML 1Page - C&K Components KSF Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B–83
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
26 jul 16
KSF & KSFI Series
Soft Actuated Tact Switch
Ø 3,5
5,08
7,4
9,5
0,55 x 0,3
8,2
5,08
Ø 0,9
(4 holes)
Recommended PCB
(component side)
KSF
7.6
1.6
0.85
7.7
6.25
4.25
3
2.54
0.85 x 0.3
0,55 x 0,3
5,08
0,4
9.1
KSFI 0V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com