Electronic Components Datasheet Search
  English  ▼

X  

HCTF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HCTF
Description  High Current Thermal Fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HCTF Datasheet(HTML) 2 Page - Vishay Siliconix

  HCTF_V01 Datasheet HTML 1Page - Vishay Siliconix HCTF_V01 Datasheet HTML 2Page - Vishay Siliconix HCTF_V01 Datasheet HTML 3Page - Vishay Siliconix HCTF_V01 Datasheet HTML 4Page - Vishay Siliconix HCTF_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HCTF Series
www.vishay.com
Vishay Beyschlag
Revision: 10-Apr-13
2
Document Number: 28798
For technical questions, contact: fuse@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
ASSEMBLY
The high current thermal fuse HCTF 235 is suitable for processing on e.g. automatic electric resistance welding or crimping
assembly systems. Any deformation and overheating of the component body to levels above the holding temperature has to be
avoided during the assembly.
The HCTF 235 CP complies with the JIG 101 list of legal restrictions on hazardous substances.
This includes full compliance with the following directives:
• 2000/53/EC End of Life Vehicle Directive (ELV) and Annex II (ELV II)
• 2011/65/EU Restriction of the use of Hazardous Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment Directive (WEEE)
RELATED PRODUCTS
A version for automatic insert systems is available, too.
See datasheet: HCTF 235 CP Series (www.vishay.com/doc?28850)
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER: HCTF235L055000BR00
TYPE/
FUNCTIONING
TEMPERATURE
TOLERANCE
SPECIAL
CURRENT
PACKAGING
SPECIAL
HCTF235
L = ± 15 °C
0 = Standard
Current in mA.
55000 = 55 A
BR
Up to 2 digits
00 = Standard
PRODUCT DESCRIPTION: HCTF 235 15 °C BR 55A0
HCTF
235
15 °C
BR
55A0
TYPE
FUNCTIONING
TEMPERATURE
TOLERANCE
PACKAGING
CURRENT
HCTF
235
± 15 °C
BR
55A0 = 55 A
PACKAGING
TYPE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL
DIAMETER
HCTF
BR
750
Blister tape
acc. IEC 60286-3
type III
32 mm
12 mm
360 mm/14.2"
H
C
T
F
2
3
5
L
0
5
5
0
0
0
B
R
0
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com