Electronic Components Datasheet Search
  English  ▼

X  

MFU Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MFU
Description  Thin Film Chip FusesS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU Datasheet(HTML) 1 Page - Vishay Siliconix

  MFU Datasheet HTML 1Page - Vishay Siliconix MFU Datasheet HTML 2Page - Vishay Siliconix MFU Datasheet HTML 3Page - Vishay Siliconix MFU Datasheet HTML 4Page - Vishay Siliconix MFU Datasheet HTML 5Page - Vishay Siliconix MFU Datasheet HTML 6Page - Vishay Siliconix MFU Datasheet HTML 7Page - Vishay Siliconix MFU Datasheet HTML 8Page - Vishay Siliconix MFU Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MFU Series
www.vishay.com
Vishay Beyschlag
Revision: 11-Mar-13
1
Document Number: 28747
For technical questions, contact: fuse@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Chip Fuses
MFU Thin Film Chip Fuses are the perfect choice for the
most fields of modern electronics. The highly controlled
manufacturing thin film process guarantees an outstanding
stability of fusing characteristics.
Typical applications
include
information
technology,
telecommunication,
medical equipment, industrial, audio/video, and automotive
electronics.
FEATURES
• Advanced thin film technology
• Very quick acting fuse characteristics
• Outstanding stability of fusing characteristics
• Green product, supports lead (Pb)-free soldering
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Information technology
• Industrial electronics
• Automotive electronics
• Telecommunication
• Medical equipment
• Audio/video electronics
SIZE
INCH
0402
0603
0805
1206
METRIC
1005M
1608M
2012M
3216M
TECHNICAL SPECIFICATIONS
DESCRIPTION
MFU 0402
MFU 0603
MFU 0805
MFU 1206
Metric size
1005M
1608M
2012M
3216M
Rated current range IR
0.5 A to 3.15 A
0.5 A to 5.0 A
0.5 A to 5.0 A
0.5 A to 6.3 A
Rated voltage, Umax. DC
32 V
32 V
32 V
63 V
Breaking Capacity,
Imax. at Umax. DC
50 A at 32 V
50 A at 32 V
50 A at 32 V
50 A at 63 V
Voltage drop at 1 x IR
90 mV to 368 mV
85 mV to 361 mV
98 mV to 374 mV
116 mV to 433 mV
Cold resistance at 0.1 x IR
22 m
 to 560 m
13 m
 to 550 m
15 m
 to 570 m
14 m
 to 660 m
Permissible film temperature,
F max.
125 °C
Operating temperature range
- 55 °C to 125 °C
Permissible continuous
current rating at
amb = 23 °C
0.7 x IR
Approval UL recognition file
E253806
Approval IEC 60127-4
n/a
Refer to table:
MFU 0603 RATING
Refer to table:
MFU 1206 RATING
FITobserved
 0.2 x 10- 9/h


Similar Part No. - MFU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU Datasheet
176Kb / 13P
Thin Film Flat Chip Fuses
25-Jun-08
MFU VISHAY-MFU Datasheet
179Kb / 13P
Thin Film Chip Fuses
06-May-10
MFU0402 VISHAY-MFU0402 Datasheet
179Kb / 13P
Thin Film Chip Fuses
06-May-10
MFU0402FF00500E000 VISHAY-MFU0402FF00500E000 Datasheet
176Kb / 13P
Thin Film Flat Chip Fuses
25-Jun-08
MFU0402FF00500E000 VISHAY-MFU0402FF00500E000 Datasheet
179Kb / 13P
Thin Film Chip Fuses
06-May-10
More results

Similar Description - MFU

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
Thin Film Chip Inductor
10-Aug-06
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
Thin Film Chip Inductors
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
Thin Film Chip Fuse
logo
KOA Speer Electronics, ...
CNN KOA-CNN Datasheet
372Kb / 2P
thin film chip networks
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
Thin Film Chip Inductors
10-Aug-06
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
Thin Film Chip Inductors
10-Aug-06
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
Thin Film Chip Fuse
30-Apr-2021
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
Thin Film Chip Inductor
09/18/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com