Electronic Components Datasheet Search
  English  ▼

X  

F0109EVB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F0109EVB
Description  Dual Path Ultra-Low Noise Amplifier 650MHz to 1000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0109EVB Datasheet(HTML) 2 Page - Renesas Technology Corp

  F0109EVB Datasheet HTML 1Page - Renesas Technology Corp F0109EVB Datasheet HTML 2Page - Renesas Technology Corp F0109EVB Datasheet HTML 3Page - Renesas Technology Corp F0109EVB Datasheet HTML 4Page - Renesas Technology Corp F0109EVB Datasheet HTML 5Page - Renesas Technology Corp F0109EVB Datasheet HTML 6Page - Renesas Technology Corp F0109EVB Datasheet HTML 7Page - Renesas Technology Corp F0109EVB Datasheet HTML 8Page - Renesas Technology Corp F0109EVB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
F0109 Datasheet
R35DS0035EU0103 Rev.1.03
Jan 13, 2022
Page 2
Contents
1.
Pin Information .............................................................................................................................................4
1.1
Pin Assignments ...................................................................................................................................4
1.2
Pin Descriptions....................................................................................................................................4
2.
Specifications ...............................................................................................................................................5
2.1
Absolute Maximum Ratings ..................................................................................................................5
2.2
Recommended Operating Conditions...................................................................................................5
2.3
Electrical Specifications ........................................................................................................................6
2.3.1.
General ..................................................................................................................................6
2.3.2.
RF (Balanced Configuration) (0.65GHz to 1GHz) Performance .............................................6
2.4
Thermal Characteristics........................................................................................................................7
3.
Typical Operating Conditions (TOC)...........................................................................................................7
3.1
Typical Performance Characteristics ....................................................................................................8
4.
Functional Description.................................................................................................................................9
4.1
Programming ........................................................................................................................................9
4.2
STBY Mode Programming....................................................................................................................9
5.
Evaluation Kit Information .........................................................................................................................10
5.1
Evaluation Kit Pictures........................................................................................................................10
5.2
Evaluation Kit Schematic ....................................................................................................................11
5.3
Evaluation Kit Operation .....................................................................................................................12
5.3.1.
Power Supply Setup.............................................................................................................12
5.3.2.
Power-On Procedure............................................................................................................12
5.3.3.
Power-Off Procedure............................................................................................................12
6.
Application Information .............................................................................................................................13
6.1
Power Supplies...................................................................................................................................13
6.2
Startup Condition................................................................................................................................13
7.
Package Outline Drawings.........................................................................................................................13
8.
Ordering Information..................................................................................................................................13
9.
Marking Diagram ........................................................................................................................................14
10. Revision History .........................................................................................................................................14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com