Electronic Components Datasheet Search
  English  ▼

X  

F0424 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F0424
Description  High-Gain Broadband RF Amplifier 600MHz to 5000MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0424 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F0424 Datasheet HTML 4Page - Renesas Technology Corp F0424 Datasheet HTML 5Page - Renesas Technology Corp F0424 Datasheet HTML 6Page - Renesas Technology Corp F0424 Datasheet HTML 7Page - Renesas Technology Corp F0424 Datasheet HTML 8Page - Renesas Technology Corp F0424 Datasheet HTML 9Page - Renesas Technology Corp F0424 Datasheet HTML 10Page - Renesas Technology Corp F0424 Datasheet HTML 11Page - Renesas Technology Corp F0424 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
© 2020 Renesas Electronics Corporation
8
February 13, 2020
F0424 Datasheet
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Output P1dB compression
OP1dB
fRF = 2600MHz
20
21
dBm
fRF = 3500MHz
20
fRF = 4900MHz
18
Reverse Isolation
REVISO
24
dB
[a] Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in
these columns that are not shown in bold italics are guaranteed by design characterization.
Electrical Characteristics – 3.3V Supply Voltage
See the F0424 Typical Application Circuit. Specifications apply when operated with VCC = +3.3V, R5 = 2.49kΩ, R6 = 160Ω, TEPAD = +25°C,
fRF = 2.6GHz, STBY = LOW, ZS = ZL = 50Ω single-ended, and output power = 0dBm/tone, unless stated otherwise. EVKit trace and connector
losses are de-embedded.
Table 6.
Electrical Characteristics – 3.3V Supply Voltage
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Logic Input High Threshold
VIH
1.07 [a]
V
Logic Input Low Threshold
VIL
0.8
V
Logic Current
IIH, IIL
Applied STBY voltage = 3.6V
-10
+100
µA
Supply Current
ICC
70
mA
Pull-Down Resistor on STBY Pin
RSTBY
50
kΩ
Standby Current
ICC_STBY
2
mA
Settling Time
tSETTLE 50% STBY control to within
±0.5dB of final power level
0.25
µs
RF Input Return Loss
RLIN
13
dB
RF Output Return Loss
RLOUT
12
dB
Gain
G
fRF = 600MHz
17.2
dB
fRF = 1900MHz
17.6
fRF = 2600MHz
17.3
fRF = 3500MHz
16.7
fRF = 4200MHz
16.1
fRF = 4900MHz
15.0
Gain Flatness (amplitude)
GVAR
fRF = 700MHz, ±100MHz
±0.15
dB
fRF = 1900MHz, ±100MHz
±0.1
fRF = 2600MHz, ± 100MHz
±0.1
fRF = 3500MHz, ± 100MHz
±0.2
fRF = 4100MHz, ± 100MHz
±0.15
fRF = 4900MHz, ± 100MHz
±0.17
Gain Variation over Temperature
GTEMP TEPAD = -40°C to +105°C
±0.2
dB
Noise Figure
NF
fRF = 2600MHz
2.3
dB
fRF = 3500MHz
2.7
fRF = 4900MHz
3.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com