Electronic Components Datasheet Search
  English  ▼

X  

F1475 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1475
Description  1W High Linearity RF Amplifier 1350MHz to 2800MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1475 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1475 Datasheet HTML 1Page - Renesas Technology Corp F1475 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Short-Form Datasheet
F1475
1W High Linearity RF Amplifier 1350MHz to 2800MHz
R35DO0002EU0100 Rev.1.00
Nov 19, 2021
Page 1
© 2021 Renesas Electronics
The F1475 is a high linearity RF Driver Amplifier
designed to operate within the 1350MHz to 2800MHz
frequency range. Using a single 5V power supply,
the F1475 provides TBD typical gain and 30dBm
typical OP1dB with a low quiescent current
consumption of 180mA.
The F1475 is packaged in a 4 × 4 mm, 20-VFQFPN
package, with matched 50Ω input and output
impedances for ease of integration into the signal
path.
Competitive Advantage
■
Exceptional OP1dB performance maintained at low
bias currents
■
Compact 4 × 4 mm, 20-VFQFPN package
■
Robust ESD Performance
● 1kV HBM ESD rating
● 500V CDM ESD rating
Features
■
Frequency range: 1350MHz to 2800MHz
■
TBD typical gain at 2100MHz
■
+30dBm typical OP1dB at 2100MHz
■
50
Ω Single-ended input and output impedances
■
5V power supply
■
180mA typical quiescent supply current
■
1.8V logic compatible standby mode for power
savings
■
Operating temperature (TEPAD) range: -40°C to
+115°C
■
4 × 4 mm 20-VFQFPN package
Applications
■
5G Sub-6GHz AAS/Massive MIMO
■
FDD or TDD systems
■
General-purpose RF
Figure 1. Typical Application Circuit


Similar Part No. - F1475

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F1475 LITTELFUSE-F1475 Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
logo
Renesas Technology Corp
F1475 RENESAS-F1475 Datasheet
118Kb / 3P
1W High Linearity RF Amplifier 3300MHz to 4200MHz
logo
Littelfuse
F1475-ND LITTELFUSE-F1475-ND Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
More results

Similar Description - F1475

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH202 WJCI-AH202 Datasheet
422Kb / 9P
1W High Linearity Amplifier
AH202 WJCI-AH202_07 Datasheet
332Kb / 9P
1W High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
1W High Linearity Amplifier
TQP7M9105 TRIQUINT-TQP7M9105 Datasheet
515Kb / 8P
1W High Linearity Amplifier
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
1W High Linearity Amplifier
TQP7M9105 TRIQUINT-TQP7M9105_15 Datasheet
569Kb / 9P
1W High Linearity Amplifier
logo
Renesas Technology Corp
F1475 RENESAS-F1475 Datasheet
118Kb / 3P
1W High Linearity RF Amplifier 3300MHz to 4200MHz
F1495 RENESAS-F1495 Datasheet
118Kb / 3P
1W High Linearity RF Amplifier 3300MHz to 4200MHz
logo
Qorvo, Inc
TQP7M9103 QORVO-TQP7M9103 Datasheet
648Kb / 24P
1W High Linearity Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com