Electronic Components Datasheet Search
  English  ▼

X  

IDTF0440 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # IDTF0440
Description  Dual Matched Broadband RF DVGA 400MHz to 2700MHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDTF0440 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button IDTF0440 Datasheet HTML 17Page - Renesas Technology Corp IDTF0440 Datasheet HTML 18Page - Renesas Technology Corp IDTF0440 Datasheet HTML 19Page - Renesas Technology Corp IDTF0440 Datasheet HTML 20Page - Renesas Technology Corp IDTF0440 Datasheet HTML 21Page - Renesas Technology Corp IDTF0440 Datasheet HTML 22Page - Renesas Technology Corp IDTF0440 Datasheet HTML 23Page - Renesas Technology Corp IDTF0440 Datasheet HTML 24Page - Renesas Technology Corp IDTF0440 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
F0440 Datasheet
© 2021 Renesas Electronics Corporation
21
November 4, 2021
Table 14. DSA1 Attenuation Word Truth Table (LSB = first in)
Don’t Care
Attenuation Word
Don’t Care
Attenuation Setting
D7
(MSB)
D6
D5
D4
D3
D2
D1
D0
(LSB)
x
Low
Low
Low
Low
Low
x
x
0dB
x
Low
Low
Low
Low
High
x
x
1dB
x
Low
Low
Low
High
Low
x
x
2dB
x
Low
Low
High
Low
Low
x
x
4dB
x
Low
High
Low
Low
Low
x
x
8dB
x
High
Low
Low
Low
Low
x
x
16dB
x
High
Low
High
High
Low
x
x
22dB
x
High
Low
High
High
High
x
x
23dB (max)
x
High
High
Low
Low
Low
x
x
23dB (max)
x
High
High
Low
Low
High
x
x
23dB (max)
x
High
High
Low
High
Low
x
x
23dB (max)
x
High
High
Low
High
High
x
x
23dB (max)
x
High
High
High
Low
Low
x
x
23dB (max)
x
High
High
High
Low
High
x
x
23dB (max)
x
High
High
High
High
Low
x
x
23dB (max)
x
High
High
High
High
High
x
x
23dB (max)
Table 15. DSA0 Attenuator Truth Table
VCTRL0_A, VCTRL0_B
Attenuation Setting (DB)
0
0 (Reference IL)
1
6
Table 16. DSA2 Truth Table
VCTRL1_A, VCTRL1_B
VCTRL2_A, VCTRL2_B
Attenuation Setting G (DB)
0
0
0 (Reference IL)
1 (NC)
0
6
0
1 (NC)
12
1 (NC)
1 (NC)
18
Table 17. Standby Truth Table
Parameter
Logic Level
Function
STBY
Low or NC
Power On
High
Power Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com