Electronic Components Datasheet Search
  English  ▼

X  

F2950 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F2950
Description  High Linearity SP2T Wi-Fi RF Switch 100MHz to 8GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2950 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F2950 Datasheet HTML 11Page - Renesas Technology Corp F2950 Datasheet HTML 12Page - Renesas Technology Corp F2950 Datasheet HTML 13Page - Renesas Technology Corp F2950 Datasheet HTML 14Page - Renesas Technology Corp F2950 Datasheet HTML 15Page - Renesas Technology Corp F2950 Datasheet HTML 16Page - Renesas Technology Corp F2950 Datasheet HTML 17Page - Renesas Technology Corp F2950 Datasheet HTML 18Page - Renesas Technology Corp F2950 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
F2950 Datasheet
R35DS0038EU0101 Rev.1.01
Mar 9, 2022
Page 16
10. Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website. The package information is the most current data available and is subject to change without revision of
this document.
11. Marking Diagram
YBA
2
■
Line 1: Y = last digit of the year, BA = sequential letters for traceability purposes
■
Line 2: Pin 1 dot, 2 = F2950 part number code
12. Ordering Information
Part Number
Package Description
MSL Rating
Carrier Type
Temperature Range
F2950NEGK
1.5mm x 1.5mm x
0.55mm NEG6 DFN
MSL1
Cut Tape
-40°C to +105°C
F2950NEGK8
MSL1
Reel
F2950EVBI
Evaluation Board
13. Revision History
Revision
Date
Description
1.01
Mar 9, 2022
Updated the IIP2 specifications.
1.00
Aug 8, 2017
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com